전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLG46532 데이터시트(PDF) 34 Page - Dialog Semiconductor

부품명 SLG46532
상세설명  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 데이터시트(HTML) 34 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 30Page - Dialog Semiconductor SLG46532 Datasheet HTML 31Page - Dialog Semiconductor SLG46532 Datasheet HTML 32Page - Dialog Semiconductor SLG46532 Datasheet HTML 33Page - Dialog Semiconductor SLG46532 Datasheet HTML 34Page - Dialog Semiconductor SLG46532 Datasheet HTML 35Page - Dialog Semiconductor SLG46532 Datasheet HTML 36Page - Dialog Semiconductor SLG46532 Datasheet HTML 37Page - Dialog Semiconductor SLG46532 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 184 page
background image
SLG46532_DS_108
Page 33 of 183
SLG46532
6.0 Summary of Macro Cell Function
6.1 I/O Pins
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
Open Drain Outputs
Push Pull Outputs
Analog I/O
10 k
/100 k/1 Mpull-up/pull-down resistors
40 mA Open Drain 4X Drive output
6.2 Connection Matrix
Digital matrix for circuit connections based on user design
6.3 Analog Comparators (4 total)
Selectable hysteresis 0 mV / 25 mV / 50 mV / 200 mV
Wake and Sleep Control (Part of Combination Function Macrocell)
6.4 Voltage Reference
Used for references on Analog Comparators
Can also be driven to external pins
6.5 Combination Function Macrocells (17 total)
Three Selectable DFF/Latch or 2-bit LUTs
Five Selectable DFF/Latch or 3-bit LUTs
One Selectable Pipe Delay or 3-bit LUT
One Selectable Programmable Function Generator or 4-bit LUT
Five Selectable 8-bit CNT/DLY or 3-bit LUT
Two Selectable 16-bit CNT/DLY or 4-bit LUT
Wake and Sleep Controller
6.6 State Machine
• Eight States
• Flexible input logic from state transitions
6.7 Serial Communications
•I2C Protocol compliant
6.8 Pipe Delay (Part of Combination Function Macrocell)
16 stage / 3 output
One 1 stage fixed output
Two 1-16 stage selectable outputs.


유사한 부품 번호 - SLG46532

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532V RENESAS-SLG46532V Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532VTR RENESAS-SLG46532VTR Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
More results

유사한 설명 - SLG46532

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com