전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLGC55544C 데이터시트(PDF) 11 Page - Dialog Semiconductor

부품명 SLGC55544C
상세설명  USB Charging Port Power Switch and Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55544C 데이터시트(HTML) 11 Page - Dialog Semiconductor

Back Button SLGC55544C Datasheet HTML 7Page - Dialog Semiconductor SLGC55544C Datasheet HTML 8Page - Dialog Semiconductor SLGC55544C Datasheet HTML 9Page - Dialog Semiconductor SLGC55544C Datasheet HTML 10Page - Dialog Semiconductor SLGC55544C Datasheet HTML 11Page - Dialog Semiconductor SLGC55544C Datasheet HTML 12Page - Dialog Semiconductor SLGC55544C Datasheet HTML 13Page - Dialog Semiconductor SLGC55544C Datasheet HTML 14Page - Dialog Semiconductor SLGC55544C Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
000-000C55544C-105
Page 11 of 20
SLGC55544C
Overview
The following overview references various industry standards. It is always recommended to consult the most up-to-date standard
to ensure the most recent and accurate information. Rechargeable portable equipment requires an external power source to
charge its batteries. USB ports are a convenient location for charging because of an available 5 V power source. Universally
accepted standards are required to make sure host and client-side devices operate together in a system to ensure power
management requirements are met. Traditionally, USB host ports following the USB 2.0 specification must provide at least 500
mA to downstream client-side devices. Because multiple USB devices can be attached to a single USB port through a bus-pow-
ered hub, it is the responsibility of the client-side device to negotiate its power allotment from the host to ensure the total current
draw does not exceed 500 mA. In general, each USB device is granted 100 mA and may request more current in 100 mA unit
steps up to 500 mA. The host may grant or deny based on the available current.
Additionally, the success of USB has made the mini-USB connector a popular choice for wall adapter cables. This allows a
portable device to charge from both a wall adapter and USB port with only one connector. One common difficulty has resulted
from this. As USB charging has gained popularity, the 500 mA minimum defined by USB 2.0 has become insufficient for many
handset and personal media players which need a higher charging rate. On the other hand, wall adapters can provide much more
current than 500 mA. Several new standards have been introduced defining protocol handshaking methods that allow host and
client devices to acknowledge and draw additional current beyond the 500 mA minimum defined by USB 2.0 while still using a
single micro-USB input connector.
The SLGC55544C supports three of the most common protocols:
USB 2.0 Battery Charging Specification BC1.2
Chinese Telecommunications Industry Standard YD/T 1591-2009
Divider Mode
All three methods have similarities and differences, but the biggest commonality is that all three define three types of charging
ports that provide charging current to client-side devices. These charging ports are defined as:
Standard Downstream Port (SDP)
Charging Downstream Port (CDP)
Dedicated Charging Port (DCP)
BC1.2 defines a Charging Port as a downstream facing USB port that provides power for charging portable equipment.
The table below shows the differences between these ports according to BC1.2 (draft).
BC1.2 (draft) defines the protocol necessary to allow portable equipment to determine what type of port it is connected to so that
it can allot its maximum allowable current draw. The hand-shaking process has two steps. During step one, the primary detection,
the portable equipment outputs a nominal 0.6-V output on its D+ line and reads the voltage input on its D- line. The portable device
concludes it is connected to an SDP if the voltage is less than the nominal data detect voltage of 0.3 V. The portable device
concludes that it is connected to a Charging Port if the D- voltage is greater than the nominal data detect voltage of 0.3 V and
less than 0.8 V. The second step, the secondary detection, is necessary for portable equipment to determine between a CDP
and a DCP. The portable device outputs a nominal 0.6 V output on its D- line and reads the voltage input on its D+ line. The
portable device concludes it is connected to a CDP if the data line being read remains less than the nominal data detect voltage
of 0.3 V. The portable device concludes it is connected to a DCP if the data line being read is greater than the nominal data detect
voltage of 0.3V and less than 0.8 V.
Operating Modes
Port Type
Supports USB 2.0 Communication
Maximum Allowable Current Draw By
Portable Equipment (A)
SDP (USB 2.0)
Yes
0.5
SDP (USB 3.0)
Yes
0.9
CDP
Yes
1.5
DCP
No
1.5


유사한 부품 번호 - SLGC55544C

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55544CVTR RENESAS-SLGC55544CVTR Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
More results

유사한 설명 - SLGC55544C

제조업체부품명데이터시트상세설명
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Texas Instruments
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com