전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZA3PD-1 데이터시트(PDF) 1 Page - Mini-Circuits

부품명 ZA3PD-1
상세설명  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZA3PD-1 데이터시트(HTML) 1 Page - Mini-Circuits

  ZA3PD-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 4.8 dB
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
Typ.
Min.
Typ.
Max.
Max.
500-1000
20
14
0.3
0.6
0.4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ZA3PD-1
TOTAL LOSS
4.5
4.7
4.9
5.1
5.3
5.5
500
600
700
800
900
1000
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
S-3(dB)
ZA3PD-1
ISOLATION
20
28
36
44
52
60
500
600
700
800
900
1000
FREQUENCY (MHz)
1-2 (dB)
1-3 (dB)
2-3 (dB)
Typical Performance Data
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
PORT 3
3
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W
Internal Dissipation
0.375W
DC Current
750mA(250 mA for each port)
Outline Drawing
Outline Dimensions (
)
inch
mm
ZA3PD-1+
electrical schematic
3 Way-0°
50Ω
500 to 1000 MHz
Power Splitter/Combiner
REV. E
M153690
ZA3PD-1+
HY/TD/CP/AM
151123
DC Pass
A
B
C
D
E
F
2.00
2.00
.75
.938
.13
1.750
50.80
50.80
19.05
23.83
3.30
44.45
G
H
J
K
wt
.125
.38
1.00
1.25
grams
3.18
9.65
25.40
31.75
200.0
CASE STYLE: CC51
Connectors Model
SMA
ZA3PD-1-S+
N-TYPE
ZA3PD-1-N+
Features
• wideband, 500 to 1000 MHz
• up to 10W power input as splitter
• low insertion loss, 0.3 dB typ.
• rugged, shielded case
Applications
• UHF
• cellular
• communication system
• instrumentation
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
2
VSWR
3
S-1
S-2
S-3
1-2
1-3
2-3
ZA3PD-1
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
500
600
700
800
900
1000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
Electrical Specifications
SMA version shown
500.00
4.93
4.93
4.93
0.00
25.07
21.42
25.67
0.50
1.31
1.14
1.12
1.14
525.00
4.94
4.93
4.92
0.02
27.33
22.75
28.26
0.25
1.27
1.11
1.08
1.11
550.00
4.95
4.92
4.93
0.03
30.22
24.28
31.79
0.40
1.20
1.11
1.08
1.11
587.50
4.90
4.87
4.89
0.03
36.77
27.06
42.63
0.43
1.07
1.04
1.06
1.04
625.00
4.92
4.89
4.90
0.04
41.08
30.93
40.30
0.30
1.03
1.06
1.04
1.05
662.50
4.92
4.88
4.92
0.04
34.04
36.85
32.18
0.41
1.07
1.04
1.07
1.03
700.00
4.94
4.89
4.93
0.05
30.02
41.73
28.45
0.34
1.14
1.07
1.12
1.06
737.50
5.07
5.00
5.06
0.07
27.72
35.61
26.26
0.22
1.16
1.10
1.12
1.09
775.00
4.96
4.86
4.97
0.11
26.26
31.53
24.77
0.29
1.25
1.07
1.14
1.07
812.50
5.10
5.02
5.12
0.10
25.41
29.00
23.87
0.41
1.29
1.14
1.20
1.13
850.00
5.05
4.92
5.06
0.13
24.90
27.30
23.19
0.05
1.27
1.11
1.15
1.11
900.00
5.15
5.02
5.19
0.16
24.96
26.09
22.94
0.53
1.36
1.14
1.23
1.14
937.50
5.12
4.97
5.16
0.19
25.24
25.53
22.90
0.27
1.28
1.13
1.18
1.13
962.50
5.02
4.83
5.06
0.23
25.47
25.28
22.85
0.41
1.31
1.08
1.16
1.09
1000.00
5.09
4.90
5.13
0.23
26.05
25.22
23.01
0.69
1.34
1.13
1.22
1.13
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 4.8dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
DC Through
RF+DC
RF+DC
RF+DC
RF+DC


유사한 부품 번호 - ZA3PD-1

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
ZA3PD-1.5 MINI-ZA3PD-1.5 Datasheet
214Kb / 1P
   Power Splitter/Combiner
More results

유사한 설명 - ZA3PD-1

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com