전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2217 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV2217
상세설명  LOW DROPOUT FIXED VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLV2217 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TLV2217 Datasheet HTML 2Page - Texas Instruments TLV2217 Datasheet HTML 3Page - Texas Instruments TLV2217 Datasheet HTML 4Page - Texas Instruments TLV2217 Datasheet HTML 5Page - Texas Instruments TLV2217 Datasheet HTML 6Page - Texas Instruments TLV2217 Datasheet HTML 7Page - Texas Instruments TLV2217 Datasheet HTML 8Page - Texas Instruments TLV2217 Datasheet HTML 9Page - Texas Instruments TLV2217 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TLV2217-18KCS
ACTIVE
TO-220
KCS
3
50
TBD
Call TI
Level-NC-NC-NC
TLV2217-18KTPR
ACTIVE
PFM
KTP
2
3000
TBD
Call TI
Level-1-220C-UNLIM
TLV2217-25KC
ACTIVE
TO-220
KC
3
50
TBD
Call TI
Level-1-220C-UNLIM
TLV2217-25KTPR
ACTIVE
PFM
KTP
2
3000
TBD
Call TI
Level-1-220C-UNLIM
TLV2217-25PW
ACTIVE
TSSOP
PW
20
70
Pb-Free
(RoHS)
CU NIPD
Level-1-250C-UNLIM
TLV2217-25PWR
ACTIVE
TSSOP
PW
20
2000
Pb-Free
(RoHS)
CU NIPD
Level-1-250C-UNLIM
TLV2217-33KC
ACTIVE
TO-220
KC
3
50
TBD
Call TI
Level-1-220C-UNLIM
TLV2217-33KTPR
ACTIVE
PFM
KTP
2
3000
TBD
Call TI
Level-1-220C-UNLIM
TLV2217-33PWR
ACTIVE
TSSOP
PW
20
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
TLV2217-33PWRG4
ACTIVE
TSSOP
PW
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2005
Addendum-Page 1


유사한 부품 번호 - TLV2217

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
TLV2217-18 TI-TLV2217-18 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KCS TI-TLV2217-18KCS Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KCSE3 TI-TLV2217-18KCSE3 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KTPR TI-TLV2217-18KTPR Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
More results

유사한 설명 - TLV2217

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com