전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE3C2599-36 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE3C2599-36
상세설명  SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2599-36 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2599-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2599-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2599-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2599-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.102 in [2.59 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMC Plug
BNC Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Brass, Gold
Contact Plating Specification
30 µin minimum
50µ in. minimum
Dielectric Type
PTFE
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100 µin minimum
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100 µin minimum
100µ in. minimum
Hex Size
1/4 inch
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C2599-36 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax PE3C2599-36
RF Cable Assemblies Technical Data Sheet
PE3C2599-36
SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax


유사한 부품 번호 - PE3C2599-36

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2599-72 PASTERNACK-PE3C2599-72 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
More results

유사한 설명 - PE3C2599-36

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-72 PASTERNACK-PE3C2599-72 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2416-36 PASTERNACK-PE3C2416-36 Datasheet
374Kb / 4P
   BNC Male to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2599LF-36 PASTERNACK-PE3C2599LF-36 Datasheet
369Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2578-36 PASTERNACK-PE3C2578-36 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG188 Coax
PE3C3425-36 PASTERNACK-PE3C3425-36 Datasheet
361Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG174 Coax
PE3C2599 PASTERNACK-PE3C2599 Datasheet
369Kb / 4P
   SMC Plug to BNC Male Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com