전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APGF0808VGTPBTSEETC 데이터시트(PDF) 4 Page - Kingbright Corporation

부품명 APGF0808VGTPBTSEETC
상세설명  0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APGF0808VGTPBTSEETC 데이터시트(HTML) 4 Page - Kingbright Corporation

  APGF0808VGTPBTSEETC Datasheet HTML 1Page - Kingbright Corporation APGF0808VGTPBTSEETC Datasheet HTML 2Page - Kingbright Corporation APGF0808VGTPBTSEETC Datasheet HTML 3Page - Kingbright Corporation APGF0808VGTPBTSEETC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAP1307 / 1203015019 Rev No: V.2B Date: 07/10/2017
Page 4 / 4
APGF0808VGTPBTSEETC
TECHNICAL DATA
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
PACKING & LABEL SPECIFICATIONS
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
PRECAUTIONARY NOTES
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. Before production usage customer should refer to
the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. If
customer usage exceeds the specified limits, Kingbright will not be responsible for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has special reliability requirements or have life-threatening
liabilities, such as automotive or medical usage, please consult with Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


유사한 부품 번호 - APGF0808VGTPBTSEETC

제조업체부품명데이터시트상세설명
logo
HK TO-GRACE TECHNOLOGY ...
APGF0808VGTPBTSEETC TO-GRACE-APGF0808VGTPBTSEETC Datasheet
1Mb / 4P
   0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
More results

유사한 설명 - APGF0808VGTPBTSEETC

제조업체부품명데이터시트상세설명
logo
HK TO-GRACE TECHNOLOGY ...
APGF0808VGTPBTSEETC TO-GRACE-APGF0808VGTPBTSEETC Datasheet
1Mb / 4P
   0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
APHF1608LSEEQBDZGKC TO-GRACE-APHF1608LSEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC TO-GRACE-APHF1608SEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
logo
Kingbright Corporation
APHF1608LSEEQBDZGKC KINGBRIGHT-APHF1608LSEEQBDZGKC Datasheet
347Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC KINGBRIGHT-APHF1608SEEQBDZGKC Datasheet
346Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHB1608CGKSEKC KINGBRIGHT-APHB1608CGKSEKC Datasheet
300Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608CGKSURKC TO-GRACE-APHB1608CGKSURKC Datasheet
974Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LZGKSYKC TO-GRACE-APHB1608LZGKSYKC Datasheet
922Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LQBDSURKC TO-GRACE-APHB1608LQBDSURKC Datasheet
938Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
KPHB-1608ZGSURKC-GX TO-GRACE-KPHB-1608ZGSURKC-GX Datasheet
920Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com