전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP249GSZ-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 OP249GSZ-REEL
상세설명  Precision JFET, High Speed, Dual Operational Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP249GSZ-REEL 데이터시트(HTML) 7 Page - Analog Devices

Back Button OP249GSZ-REEL Datasheet HTML 3Page - Analog Devices OP249GSZ-REEL Datasheet HTML 4Page - Analog Devices OP249GSZ-REEL Datasheet HTML 5Page - Analog Devices OP249GSZ-REEL Datasheet HTML 6Page - Analog Devices OP249GSZ-REEL Datasheet HTML 7Page - Analog Devices OP249GSZ-REEL Datasheet HTML 8Page - Analog Devices OP249GSZ-REEL Datasheet HTML 9Page - Analog Devices OP249GSZ-REEL Datasheet HTML 10Page - Analog Devices OP249GSZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OP249
Data Sheet
Rev. I | Page 6 of 18
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter1
Rating
Supply Voltage
±18 V
Input Voltage2
±18 V
Differential Input Voltage2
36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +175°C
Operating Temperature Range
OP249A (Q)
−55°C to +125°C
OP249F (Q)
−40°C to +85°C
OP249G (N, R)
−40°C to +85°C
Junction Temperature Range
OP249A (Q), OP249F (Q)
−65°C to +175°C
OP249G (N, R)
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2
For supply voltages less than ±18 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Table 6. Thermal Resistance
Package Type
θJA1
θJC
Unit
8-Lead CERDIP (Q)
134
12
°C/W
8-Lead PDIP (N)
96
37
°C/W
8-Lead SOIC (R)
150
41
°C/W
1
θJA is specified for worst-case mounting conditions, that is, θJA is specified for
device in socket for CERDIP and PDIP packages; θJA is specified for device
soldered to printed circuit board for SOIC package.
ESD CAUTION


유사한 부품 번호 - OP249GSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP249GSZ-REEL AD-OP249GSZ-REEL Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249GSZ-REEL AD-OP249GSZ-REEL Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
OP249GSZ-REEL7 AD-OP249GSZ-REEL7 Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249GSZ-REEL7 AD-OP249GSZ-REEL7 Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
More results

유사한 설명 - OP249GSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP249 AD-OP249_15 Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249_07 Datasheet
567Kb / 20P
   Dual, Precision JFET High Speed Operational Amplifier
Rev. F
OP249AZ AD-OP249AZ Datasheet
438Kb / 20P
   Precision JFET, High Speed, Dual Operational Amplifier
Rev. H
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
LT1022 LINER-LT1022_15 Datasheet
166Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com