전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3L110 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3L110
상세설명  QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3L110 데이터시트(HTML) 1 Page - Texas Instruments

  TS3L110 Datasheet HTML 1Page - Texas Instruments TS3L110 Datasheet HTML 2Page - Texas Instruments TS3L110 Datasheet HTML 3Page - Texas Instruments TS3L110 Datasheet HTML 4Page - Texas Instruments TS3L110 Datasheet HTML 5Page - Texas Instruments TS3L110 Datasheet HTML 6Page - Texas Instruments TS3L110 Datasheet HTML 7Page - Texas Instruments TS3L110 Datasheet HTML 8Page - Texas Instruments TS3L110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS3L110
QUAD SPDT HIGHBANDWIDTH 10/100 BASET LAN SWITCH
DIFFERENTIAL 8CHANNEL TO 4CHANNEL MULTIPLEXER/DEMULTIPLEXER
SCDS176 − SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Bandwidth (BW = 500 MHz Typ)
D Low Crosstalk (XTALK = −30 dB Typ)
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low and Flat ON-State Resistance
(ron = 4 W Typ, ron(flat) = 1 W)
D Switching on Data I/O Ports (0 to 5 V)
D VCC Operating Range From 3 V to 3.6 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Data and Control Inputs Have Undershoot
Clamp Diodes
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for Both 10 Base-T/100 Base-T
Signaling
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
IA0
IA1
YA
IB0
IB1
YB
GND
VCC
E
ID0
ID1
YD
IC0
IC1
YC
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
E
ID0
ID1
YD
IC0
IC1
IA0
IA1
YA
IB0
IB1
YB
description/ordering information
The TI TS3L110 LAN switch is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (E) input.
When E is low, the switch is enabled, and the I port is connected to the Y port. When E is high, the switch is
disabled, and the high-impedance state exists between the I and Y ports. The select (S) input controls the data
path of the multiplexer/demultiplexer.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
TS3L110RGYR
TK110
SOIC − D
Tube
TS3L110D
TS3L110
SOIC − D
Tape and reel
TS3L110DR
TS3L110
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
TS3L110DBQR
TK110
−40 C to 85 C
TSSOP − PW
Tube
TS3L110PW
TK110
TSSOP − PW
Tape and reel
TS3L110PWR
TK110
TVSOP − DGV
Tape and reel
TS3L110DGVR
TK110
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - TS3L110

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3L110 TI-TS3L110 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110D TI-TS3L110D Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQR TI-TS3L110DBQR Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQRE4 TI-TS3L110DBQRE4 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQRG4 TI-TS3L110DBQRG4 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS3L110

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3L110 TI-TS3L110_10 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Allied Components Inter...
AHSC-4002I ALLIED-AHSC-4002I Datasheet
380Kb / 1P
   10/100 Base T Quad Port LAN Filter Module
AHSC-4001S ALLIED-AHSC-4001S Datasheet
688Kb / 2P
   10/100 Base T Quad Port LAN Filter Module
logo
Taoglas antenna solutio...
TM1188NL TAOGLAS-TM1188NL Datasheet
867Kb / 9P
   LAN Transformer 10/100 Base-T
2022-11-08
logo
Bothhand USA, LP.
TS6121LX BOTHHAND-TS6121LX Datasheet
263Kb / 1P
   10/100 BASE-T LAN MAGNETIC
logo
Taoglas antenna solutio...
TM42430ANL TAOGLAS-TM42430ANL Datasheet
860Kb / 9P
   LAN Transformer 10-100 Base-T
2022-11-08
logo
Bothhand USA, LP.
TS6121LM BOTHHAND-TS6121LM Datasheet
268Kb / 1P
   10/100 BASE-T LAN MAGNETICS
TS6121L BOTHHAND-TS6121L Datasheet
264Kb / 1P
   10/100 BASE-T LAN MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com