전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE267 데이터시트(PDF) 1 Page - NTE Electronics

부품명 NTE267
상세설명  Silicon NPN Transistor High Gain Darlington Power Amp, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE267 데이터시트(HTML) 1 Page - NTE Electronics

  NTE267 Datasheet HTML 1Page - NTE Electronics NTE267 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE267
Silicon NPN Transistor
High Gain Darlington Power Amp, Switch
Features:
D Forward Current Transfer Ratio: hFE = 90,000 min.
D Free–Air Power Dissipation: 1.33W @ TA = +50°C
D Hard Solder Mountdown
Applications:
D Driver
D Regulator
D Audio Output
D Relay Substitute
D Touch Switch
D Oscillator
D IC Driver
D Servo Amplifier
D Capacitor Multiplier
Absolute Maximum Ratings: (TA = +25°C, unless otherwise specified)
Collector to Emitter, VCEO
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter to Base, VEBO
13V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector to Emitter, VCES
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
500mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PT
Tab at +25
°C
6.25W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Free Air at +50
°C w/Tab
1.33W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction to Case (Note 1), RthJC
20
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction to Ambient (Note 1), RthJA
75
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/16”
±1/32” from case, 10sec max), TL
+260
°C
. . . . . . . . . .
Note 1. Tab temperature is measured on center of tab, 1/16” from plastic body.


유사한 부품 번호 - NTE267

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE26 NTE-NTE26 Datasheet
19Kb / 2P
   Silicon NPN Transistor Low Noise Audio Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE262 NTE-NTE262 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE2631 NTE-NTE2631 Datasheet
24Kb / 3P
   Integrated Circuit Quad Differential Line Driver
More results

유사한 설명 - NTE267

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amp, Switch
NTE2557 NTE-NTE2557 Datasheet
19Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch, Power Amp
NTE97 NTE-NTE97 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE98 NTE-NTE98 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE2307 NTE-NTE2307 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Gain Power Amp
NTE2503 NTE-NTE2503 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Gain Switch
2N6294 NTE-2N6294 Datasheet
65Kb / 2P
   Silicon NPN Transistor Darlington Power Amplifier, Switch
NTE327 NTE-NTE327 Datasheet
24Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
NTE328 NTE-NTE328 Datasheet
25Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
NTE387 NTE-NTE387 Datasheet
23Kb / 2P
   Silicon NPN Transistor Power Amp, Switch
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com