전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2306MAMPX 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 FAN2306MAMPX
상세설명  6A Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2306MAMPX 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button FAN2306MAMPX Datasheet HTML 2Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 3Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 4Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 5Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 6Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 7Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 8Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 9Page - ON Semiconductor FAN2306MAMPX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2306A / FAN2306MA • Rev. 1.0
5
Thermal Characteristics
The thermal characteristics were evaluated on a 4-layer pcb structure (1 oz/1 oz/1 oz/1 oz) measuring 7 cm x 7 cm).
Symbol
Parameter
Typ.
Unit
JA
Thermal Resistance, Junction-to-Ambient
35
°C/W
ψJC
Thermal Characterization Parameter, Junction-to-Top of Case
2.7
°C/W
ψJPCB
Thermal Characterization Parameter, Junction-to-PCB
2.3
°C/W
Electrical Characteristics
Unless otherwise noted; VIN=12 V, VOUT=1.2 V, TA = TJ = -40 to +125°C.
(1)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Current
IVCC,SD
Shutdown Current
EN=0 V
10
µA
IVCC,Q
Quiescent Current
EN=5 V, Not Switching
1.8
mA
IVCC,GateCharge
Gate Charge Current
EN=5 V, fSW=500 kHz
10
mA
Reference, Feedback Comparator
VFB
FB Voltage Trip Point
590
596
602
mV
IFB
FB Pin Bias Current
-100
0
100
nA
Modulator
tON
On-Time Accuracy
RFREQ=56.2 kΩ,
VIN=10 V, tON=250 ns,
No Load
-20
20
%
tOFF,MIN
Minimum SW Off-Time
320
374
ns
DMIN
Minimum Duty Cycle
FB=1 V
0
%
fMINF
Minimum Frequency Clamp
FAN2306A Only
18.2
25.4
32.7
kHz
Soft-Start
ISS
Soft-Start Current
SS=0 V
7
10
13
µA
tON,SSMOD
SS On-Time Modulation
SS<0.6 V
25
100
%
VSSCLAMP,NOM Nominal Soft-Start Voltage Clamp
VFB=0.6 V
400
mV
VSSCLAMP,OVL
Soft-Start Voltage Clamp in Overload
Condition
VFB=0.3 V, OC Condition
40
mV
PFM Zero-Crossing Detection Comparator
VOFF
ZCD Offset Voltage
TA=TJ=25°C
-6
0
mV
Current Limit
ILIM
Valley Current Limit Accuracy
TA=TJ=25°C, IVALLEY =7 A
-10
10
%
KILIM
ILIM Set-Point Scale Factor
FAN2306A
233
ILIMTC
Temperature Coefficient
4000
ppm/°C
Enable
VTH+
Rising Threshold
2.0
V
VTH-
Falling Threshold
0.8
V
IENLK
Enable Pin Leakage
VEN=1.2 V
100
nA
IENLK
Enable Pin Leakage
VEN=5 V
76
µA
UVLO
VON
VCC Good Threshold Rising
4.4
V
VHYS
Hysteresis Voltage
160
mV
Continued on the following
page…


유사한 부품 번호 - FAN2306MAMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN2310AMPX ONSEMI-FAN2310AMPX Datasheet
1Mb / 20P
   10A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN2315AMPX ONSEMI-FAN2315AMPX Datasheet
1Mb / 21P
   10 A Synchronous Buck Regulator
Rev. 1.0
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
   6A Synchronous Buck Regulator
Rev. 1.0
FAN2360AMPX ONSEMI-FAN2360AMPX Datasheet
1Mb / 21P
   10 A Synchronous Buck Regulator
September 2015 Rev. 1.0
More results

유사한 설명 - FAN2306MAMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
   6A Synchronous Buck Regulator
Rev. 1.0
FAN23SV56AMPX ONSEMI-FAN23SV56AMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
Rev. 1.0
FAN23SV06AMPX ONSEMI-FAN23SV06AMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
logo
Alpha & Omega Semicondu...
AOZ6606PI AOSMD-AOZ6606PI Datasheet
992Kb / 16P
   EZBuckTM 6A Synchronous Buck Regulator
Rev. 1.1 November 2018
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
   EZBuck 6A Synchronous Buck Regulator
logo
Texas Instruments
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
logo
List of Unclassifed Man...
ZSPM4022-06 ETC2-ZSPM4022-06 Datasheet
1Mb / 38P
   12V/6A Synchronous DC/DC Buck Regulator
logo
International Rectifier
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com