전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD214A-B220R 데이터시트(PDF) 3 Page - Bourns Electronic Solutions

부품명 CD214A-B220R
상세설명  Schottky Barrier Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B220R 데이터시트(HTML) 3 Page - Bourns Electronic Solutions

  CD214A-B220R Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B220R Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B220R Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B220R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
F
I
H
B
C
DIA.
G
A
D
D
E
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214A-B2xRSeriesSchottkyBarrierRectifierChipDiode
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Dimension
CD214A-B2 Series
A
4.5 ± 0.10
(0.177 ± 0.004)
B
2.20 ± 0.10
(0.087 ± 0.004)
C (Dia.)
0.50
(0.020)
D
0.95 ± 0.20
(0.037 ± 0.008)
E
0.96 +0.20/-0.10
(0.038 +0.008/-0.004)
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
Dimension
CD214A-B2 Series
F
2.60
(0.102) MAX.
G
1.47
(0.058) MIN.
H
1.27
(0.050) MIN.
I
5.14
(0.202) REF.
DEVICECODE:
202=CD214A-B220R
202L=CD214A-B220LR
204=CD214A-B240R
204L=CD214A-B240LR
206=CD214A-B260R
202
YWW
DATECODE:
Y=LAST
DIGITOF
YEAR
WW=WEEK
NUMBER
How to Order
CD 214A - B 2 20 L R
Common Code
CD = Chip Diode
Package
214A = SMA/DO-214AC Compatible
Model
B = Schottky Barrier Series
Maximum Average Forward Rectified Current
2 = 2 A
Maximum Repetitive Peak Reverse Voltage
20 = 20 V
40 = 40 V
60 = 60 V
Forward Voltage Suffix
L = Low Forward Voltage
Environmental Specifications
Moisture Sensitivity Level................................................................1
ESD Classification (HBM)............................................................. 3B


유사한 부품 번호 - CD214A-B220R

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results

유사한 설명 - CD214A-B220R

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com