전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD214B-B320R 데이터시트(PDF) 3 Page - Bourns Electronic Solutions

부품명 CD214B-B320R
상세설명  Schottky Barrier Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-B320R 데이터시트(HTML) 3 Page - Bourns Electronic Solutions

  CD214B-B320R Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-B320R Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-B320R Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-B320R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214B-B3xRSeriesSchottkyBarrierRectifierChipDiode
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Dimension
CD214B-B3 Series
A
5.20 ± 0.10
(0.205 ± 0.004)
B
3.60 ± 0.10
(0.142 ± 0.004)
C
3.01 TYP.
(0.119) TYP.
D (Dia.)
0.695 ± 0.015
(0.027 ± 0.001)
E
1.15 ± 0.1
(0.045 ± 0.004)
F
1.10 ± 0.15
(0.043 ± 0.006)
DIMENSIONS:
MM
(INCHES)
Dimension
CD214B-B3 Series
G
2.65
(0.104) MAX.
H
3.00
(0.118) MIN.
I
6.65
(0.262) REF.
How to Order
CD 214B - B 3 20 R
Common Code
CD = Chip Diode
Package
214B = SMB/DO-214AA Compatible
Model
B = Schottky Barrier Series
Maximum Average Forward Rectified Current
3 = 3 A
Maximum Repetitive Peak Reverse Voltage
20 = 20 V
40 = 40 V
60 = 60 V
100 = 100 V
G
I
D
DIA.
H
A
B
C
E
E
F
G
I
D
DIA.
H
A
B
C
E
E
F
Typical Part Marking
DEVICECODE:
302=CD214B-B320R
304=CD214B-B340R
306=CD214B-B360R
310=CD214B-B3100R
302
YWW
DATECODE:
Y=LAST
DIGITOF
YEAR
WW=WEEK
NUMBER
Environmental Specifications
Moisture Sensitivity Level................................................................1
ESD Classification (HBM)............................................................. 3B


유사한 부품 번호 - CD214B-B320R

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD214B-B320 BOURNS-CD214B-B320 Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-B320LF BOURNS-CD214B-B320LF Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
More results

유사한 설명 - CD214B-B320R

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com