전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD214C-S3X 데이터시트(PDF) 2 Page - Bourns Electronic Solutions

부품명 CD214C-S3X
상세설명  Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214C-S3X 데이터시트(HTML) 2 Page - Bourns Electronic Solutions

  CD214C-S3X Datasheet HTML 1Page - Bourns Electronic Solutions CD214C-S3X Datasheet HTML 2Page - Bourns Electronic Solutions CD214C-S3X Datasheet HTML 3Page - Bourns Electronic Solutions CD214C-S3X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214C-S3xSeriesRectifierChipDiode
Performance Graphs
Forward Current Derating Curve
Maximum Peak Forward Surge Current
Typical Instantaneous Forward Characteristics
Typical Reverse Characteristics
3.0
1.5
2.0
2.5
0.5
1.0
0
02550
75
100
125
150
175
LeadTemperature(°C)
Resistiveor
InductiveLoad
PCBMountedon
5.0x5.0mm
(0.2x0.2inch)
CopperPadAreas
120
20
40
60
80
100
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.1
10
0.01
0.2
0.4
0.6
0.8
1.0
InstantaneousForwardVoltage(Volts)
1
TTJJJJ =150 CC
150 °CC
= 150 CC
TTJJ =125°CC
5C
125 °C
TTJ =100 CC
100 °CC
100 °C
TTJ =25°CC
25 °C
0.1
1
10
100
0.001
0.01
0204060
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=25°C
TJ=125°C
TJ=150°C
TJ=100°C


유사한 부품 번호 - CD214C-S3X

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD214C-B3100R BOURNS-CD214C-B3100R Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B320 BOURNS-CD214C-B320 Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214C-B320LF BOURNS-CD214C-B320LF Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214C-B320R BOURNS-CD214C-B320R Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B330 BOURNS-CD214C-B330 Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
More results

유사한 설명 - CD214C-S3X

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214C-FS3X BOURNS-CD214C-FS3X Datasheet
483Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-FS2X BOURNS-CD214B-FS2X Datasheet
483Kb / 4P
   Fast Response Rectifier Chip Diode
CD214B-B3XR BOURNS-CD214B-B3XR Datasheet
506Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com