전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4004GP 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 1N4004GP
상세설명  1 Amp Glass PassivatedRectifier 50 - 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4004GP 데이터시트(HTML) 2 Page - Micro Commercial Components

  1N4004GP Datasheet HTML 1Page - Micro Commercial Components 1N4004GP Datasheet HTML 2Page - Micro Commercial Components 1N4004GP Datasheet HTML 3Page - Micro Commercial Components 1N4004GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4001GP thru 1N4007GP
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.8
1.0
1.2
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
MCC
Revision: D
2015/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


유사한 부품 번호 - 1N4004GP

제조업체부품명데이터시트상세설명
logo
General Semiconductor
1N4004GP GE-1N4004GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4004GP DIOTEC-1N4004GP Datasheet
96Kb / 2P
   Glass Passivated Silicon Rectifier Diodes
logo
Micro Commercial Compon...
1N4004GP MCC-1N4004GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Diotec Semiconductor
1N4004GP DIOTEC-1N4004GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Taiwan Semiconductor Co...
1N4004GP TSC-1N4004GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

유사한 설명 - 1N4004GP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
   1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N4001GPL MCC-1N4001GPL Datasheet
262Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001-TP MCC-DL4001-TP Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_11 Datasheet
464Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com