전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5819PL 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 SM5819PL
상세설명  Schottky Barrier Diodes 20 to 40 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM5819PL 데이터시트(HTML) 1 Page - Micro Commercial Components

  SM5819PL Datasheet HTML 1Page - Micro Commercial Components SM5819PL Datasheet HTML 2Page - Micro Commercial Components SM5819PL Datasheet HTML 3Page - Micro Commercial Components SM5819PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM5817PL
THRU
Schottky Barrier
Diodes
20 to 40 Volts
Features
High-Surge-Capability
Low Forward Voltage
Low-Profile-Package
Mechanical Data
Symbol
Rating
Rating
Unit
Maximum RMS Voltage
SM5817PL
SM5818PL
14
21
V
VRRM
Repetitive Reverse Voltage
SM5817PL
SM5818PL
20
30
V
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at
TL=90
OC
1.0
A
IFSM
Surge Forward Current at
t=8.3ms
30
A
RthJA
TJ
Junction Temperature
-65 to +125
OC
TSTG
Storage Temperature
-65 to +125
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
---
---
---
---
0.45
0.5
3
V
IR
Leakage Current
@VR
---
---
---
---
0.1
9.0
mA
mA
Cj
Typical--Junction--Capacitance
@f=1.0MHz,Vr=4V
---
50
---
pF
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
SOD-123FL
SM5819PL
SM5819PL
28
SM5819PL
40
RthJC
RthJL
Typical Thermal Resistance
(Note2)
OC/W
88
43
30
PD
Power Dissipation
OC/W
OC/W
1.14
W
(@
IF=1A)
VRMS
Maximum Ratings
@TA=25
@TA=100
OC
OC
Note:
1.
High Temperature Solder Exemptions Applied, see EU Directive Anne 7
a
2. Thermal Resistence : PC Board Mounted on 0.2*0.2"(5*5mm) copper pad area.
Marking Code: SM5817PL---K2;SM5818PL---K3 ; SM5819PL---K4
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
www.mccsemi.com
Revision: L
2017/11/06
Packaging: SOD-123FL
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
VDC
DC Blocking Voltage
SM5817PL
SM5818PL
SM5819PL
20
30
40
V
IFRM
Repetitive Peak Forward Current
1.2(Min) 1.5(Max)
A
1 of 4
(@
IF=0.1A )
(@
IF=0.5A )
(@
IF=1A )SM5817PL
SM
5818PL~5819PL
SM5818PL~5819PL
SM5818PL~5819PL
0.
375
0.
45
(@
VR=15V)
SM5818PL~5819PL ---
---
20
μA
---
---
---
---


유사한 부품 번호 - SM5819PL

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SM5819PL MCC-SM5819PL Datasheet
77Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5819PL MCC-SM5819PL Datasheet
245Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5819PL MCC-SM5819PL Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts High-Surge-Capability
SM5819PL MCC-SM5819PL Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
More results

유사한 설명 - SM5819PL

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL_11 Datasheet
245Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL Datasheet
77Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL_13 Datasheet
280Kb / 3P
   Schottky Barrier Diodes 20 to 40 Volts High-Surge-Capability
SMD22PL MCC-SMD22PL_11 Datasheet
349Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
SMD22PL MCC-SMD22PL_17 Datasheet
234Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
SMD22PL-TP MCC-SMD22PL-TP Datasheet
386Kb / 3P
   Schottky Barrier Diodes 20 to 100 Volts
SMD22PL MCC-SMD22PL Datasheet
162Kb / 1P
   Schottky Barrier Diodes 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com