전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBSG86A 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 NBSG86A
상세설명  Evaluation Board Manual
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86A 데이터시트(HTML) 4 Page - ON Semiconductor

  NBSG86A Datasheet HTML 1Page - ON Semiconductor NBSG86A Datasheet HTML 2Page - ON Semiconductor NBSG86A Datasheet HTML 3Page - ON Semiconductor NBSG86A Datasheet HTML 4Page - ON Semiconductor NBSG86A Datasheet HTML 5Page - ON Semiconductor NBSG86A Datasheet HTML 6Page - ON Semiconductor NBSG86A Datasheet HTML 7Page - ON Semiconductor NBSG86A Datasheet HTML 8Page - ON Semiconductor NBSG86A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NBSG86ABAEVB
http://onsemi.com
4
OR/NOR Function Setup
Figure 3. NBSG86A Board Setup - Time Domain (OR/NOR Function)
OUT
Channel 1
Channel 2
OUT
TRIGGER
TRIGGER
Amplitude = 400 mV
Offset = 660 mV
Signal Generator
SEL
SEL
VCC = 2.0 V
VCC
OLS
Q
Q
Oscilloscope
VEE = -1.3 V (3.3 V op)
or
VEE = -0.5 V (2.5 V op)
VTT = 0 V
GND
D1
D0
D0
D1
OLS*
VEE
VCC = 2.0 V
OUT1
OUT1
VTT = 0 V
*See NBSG86A data sheet pg 2.
Connect Power
Step 1:
1a: Connect the following supplies to the evaluation board via surface mount clips.
Power Supply Summary Table
3.3 V Setup
2.5 V Setup
VCC = 2.0 V
VCC = 2.0 V
VTT = GND
VTT = GND
VEE = -1.3 V
VEE = -0.5 V


유사한 부품 번호 - NBSG86A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
More results

유사한 설명 - NBSG86A

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com