전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LZY-22+ 데이터시트(PDF) 3 Page - Mini-Circuits

부품명 LZY-22+
상세설명  High Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LZY-22+ 데이터시트(HTML) 3 Page - Mini-Circuits

  LZY-22+ Datasheet HTML 1Page - Mini-Circuits LZY-22+ Datasheet HTML 2Page - Mini-Circuits LZY-22+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
LZY-22+
LZY-22+
GAIN
40
42
44
46
48
50
0
50
100
150
200
FREQUENCY (MHz)
LZY-22+
ON/OFF ISOLATION
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
FREQUENCY (MHz)
LZY-22+
OUTPUT POWER AT 1-dB COMPRESSION
40
42
44
46
48
50
0
50
100
150
200
FREQUENCY (MHz)
LZY-22+
NOISE FIGURE
4.0
6.0
8.0
10.0
0
50
100
150
200
FREQUENCY (MHz)
LZY-22+
VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
FREQUENCY (MHz)
IN
OUT
FREQUENCY
(MHz)
GAIN
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
ISOLATION
(dB)
NOISE
FIGURE
(dB)
POUT
at 1 dB
COMPR.
(dBm)
OUTPUT
IP3
(dBm)
IN
OUT
Typical Performance Data/Curves at 24V
LZY-22+
IP3
40
45
50
55
60
0
50
100
150
200
FREQUENCY (MHz)
0.10
45.61
22.22
1.26
3.36
64.0
--
41.93
53.37
0.70
45.30
21.72
1.20
3.72
62.6
--
42.38
55.84
1.00
45.34
21.74
1.21
3.72
62.5
--
42.45
55.89
2.00
45.28
22.68
1.20
3.71
62.5
--
42.47
55.96
5.00
45.06
25.54
1.20
3.75
63.6
--
42.55
56.00
10.00
44.81
23.79
1.21
3.80
66.7
8.78
42.36
56.03
30.00
44.37
24.74
1.33
3.58
70.2
8.31
43.21
55.23
50.00
43.78
25.79
1.38
3.05
72.3
8.07
43.25
53.09
70.00
44.40
24.81
1.37
1.91
72.5
8.26
42.41
51.20
90.00
44.59
24.14
1.31
1.22
70.8
8.33
41.60
50.17
100.00
44.73
24.08
1.28
1.05
69.9
8.31
41.98
50.22
120.00
44.36
25.25
1.22
1.56
69.2
8.18
43.38
51.61
160.00
44.20
26.43
1.07
1.81
75.2
8.18
43.96
52.27
180.00
44.32
26.07
1.08
1.55
79.0
8.27
42.83
51.66
200.00
43.86
28.10
1.10
1.33
82.5
8.30
41.39
50.36


유사한 부품 번호 - LZY-22+

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
LZY-1 MINI-LZY-1 Datasheet
183Kb / 2P
   High Power Amplifier 50廓 50W 20 to 512 MHz
More results

유사한 설명 - LZY-22+

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB54503 FUJITSU-MB54503 Datasheet
46Kb / 8P
   HIGH-POWER AMPLIFIER
logo
Mini-Circuits
ZHL-16W-43 MINI-ZHL-16W-43 Datasheet
388Kb / 3P
   High Power Amplifier
ZHL-40W-372-S MINI-ZHL-40W-372-S Datasheet
1Mb / 8P
   High Power Amplifier
RFE-24M30M075X++ MINI-RFE-24M30M075X+ Datasheet
584Kb / 8P
   High Power Amplifier
REV. OR
ZHL-4W-422 MINI-ZHL-4W-422 Datasheet
346Kb / 3P
   High Power Amplifier
ZHL-30W-252 MINI-ZHL-30W-252 Datasheet
316Kb / 3P
   High Power Amplifier
ZHL-50W-63 MINI-ZHL-50W-63 Datasheet
318Kb / 4P
   High Power Amplifier
ZHL-100W-382A MINI-ZHL-100W-382A Datasheet
309Kb / 4P
   High Power Amplifier
ZHL-100W-63 MINI-ZHL-100W-63 Datasheet
323Kb / 4P
   High Power Amplifier
ZHL-100W-251 MINI-ZHL-100W-251 Datasheet
398Kb / 4P
   High Power Amplifier
HPA-25W-272 MINI-HPA-25W-272 Datasheet
404Kb / 4P
   High Power Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com