전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PMEG2010AEB 데이터시트(HTML) 4 Page - NXP Semiconductors

부품명 PMEG2010AEB
상세내용  20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

PMEG2010AEB 데이터시트(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 4 / 8 page
background image
2003 Dec 03
4
Philips Semiconductors
Product specification
20 V, 1 A ultra low VF MEGA Schottky
barrier rectifier in SOD523 package
PMEG2010AEB
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 0.1 mA
30
60
mV
IF = 1 mA
80
110
mV
IF = 10 mA
140
190
mV
IF = 100 mA
230
290
mV
IF = 1000 mA
510
620
mV
IR
continuous reverse current
VR = 10 V; note 1
0.17
0.6
mA
VR = 20 V; note 1
0.32
1.5
mA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
19
25
pF


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn