전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PMEG2010AEB 데이터시트(HTML) 2 Page - NXP Semiconductors

부품명 PMEG2010AEB
상세내용  20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

PMEG2010AEB 데이터시트(HTML) 2 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 2 / 8 page
background image
2003 Dec 03
2
Philips Semiconductors
Product specification
20 V, 1 A ultra low VF MEGA Schottky
barrier rectifier in SOD523 package
PMEG2010AEB
FEATURES
• Forward current: 1.0 A
• Reverse voltage: 20 V
• Ultra low forward voltage
• Ultra small SMD package.
APPLICATIONS
• Low voltage rectification
• High efficiency DC/DC conversion
• Voltage clamping
• Inverse-polarity protection
• Low power consumption applications.
DESCRIPTION
Planar Maximum Efficiency General Application (MEGA)
Schottky barrier rectifier with an integrated guard ring for
stress protection, encapsulated in a SOD523 (SC-79) ultra
small plastic SMD package.
QUICK REFERENCE DATA
PINNING
SYMBOL
PARAMETER
MAX.
UNIT
IF
forward current
1
A
VR
reverse voltage
20
V
PIN
DESCRIPTION
1
cathode
2
anode
12
Top view
col001
Fig.1
Simplified outline (SOD523; SC-79) and
symbol.
Marking code: L6.
The marking bar indicates the cathode.
ORDERING INFORMATION
RELATED PRODUCTS
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PMEG2010AEB
plastic surface mounted package; 2 leads
SOD523
TYPE
DESCRIPTION
FEATURE
PMEG2005EB
0.5 A; 20 V very low VF MEGA Schottky rectifier Lower IR in same package
PMEG2010EA
1 A; 20 V very low VF MEGA Schottky rectifier
Lower forward current, lower IR SOD323
(SC76)


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn