전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RN4901FE 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 RN4901FE
부품 상세설명  TOSHIBA Transistor Silicon PNP - NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4901FE 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  RN4901FE Datasheet HTML 1Page - Toshiba Semiconductor RN4901FE Datasheet HTML 2Page - Toshiba Semiconductor RN4901FE Datasheet HTML 3Page - Toshiba Semiconductor RN4901FE Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RN4901FE
2003-01-10
1
TOSHIBA Transistor Silicon PNP · NPN Epitaxial Type
(PCT process) (Bias Resistor built-in Transistor)
RN4901FE
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications.
· Two devices are incorporated into an Extreme-Super-Mini (6 pin)
package.
· Incorporating a bias resistor into a transistor reduces parts count.
Reducing the parts count enable the manufacture of ever more
compact equipment and save assembly cost.
Equivalent Circuit and Bias Resistor Values
Q1
Q2
R1: 4.7 kΩ
R2: 4.7 kΩ
(Q1, Q2 common)
Marking
Equivalent Circuit (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
Weight:
g (typ.)
V A
6
54
123
Q1
Q2
R1
B
C
E
R1
B
C
E


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn