전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3440DV 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI3440DV
상세설명  N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3440DV 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI3440DV Datasheet HTML 1Page - Vishay Siliconix SI3440DV Datasheet HTML 2Page - Vishay Siliconix SI3440DV Datasheet HTML 3Page - Vishay Siliconix SI3440DV Datasheet HTML 4Page - Vishay Siliconix SI3440DV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si3440DV
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72380
S-32412—Rev. B, 24-Nov-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
15
30
5
10
Single Pulse Power
Time (sec)
10−3
10−2
1
10
600
10−1
10−4
100
−1.2
−0.8
−0.4
0.0
0.4
0.8
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
600
10
20
0.1
0.01
100
25
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
0.1
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
P(t) = 10
IDM Limited
dc
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001


유사한 부품 번호 - SI3440DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3440DV VISHAY-SI3440DV Datasheet
99Kb / 6P
   N-Channel 150-V (D-S) MOSFET
Rev. C, 08-Sep-08
SI3440DV VISHAY-SI3440DV Datasheet
220Kb / 10P
   N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI3440DV-T1-E3 VISHAY-SI3440DV-T1-E3 Datasheet
99Kb / 6P
   N-Channel 150-V (D-S) MOSFET
Rev. C, 08-Sep-08
logo
VBsemi Electronics Co.,...
SI3440DV-T1-GE3 VBSEMI-SI3440DV-T1-GE3 Datasheet
1,004Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI3440DV VISHAY-SI3440DV_08 Datasheet
99Kb / 6P
   N-Channel 150-V (D-S) MOSFET
Rev. C, 08-Sep-08
More results

유사한 설명 - SI3440DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com