전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UZK24.121 데이터시트(PDF) 9 Page - PULS GmbH

부품명 UZK24.121
상세설명  BATTERY MODULE 24V, 12AH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULS [PULS GmbH]
홈페이지  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZK24.121 데이터시트(HTML) 9 Page - PULS GmbH

Back Button UZK24.121 Datasheet HTML 3Page - PULS GmbH UZK24.121 Datasheet HTML 4Page - PULS GmbH UZK24.121 Datasheet HTML 5Page - PULS GmbH UZK24.121 Datasheet HTML 6Page - PULS GmbH UZK24.121 Datasheet HTML 7Page - PULS GmbH UZK24.121 Datasheet HTML 8Page - PULS GmbH UZK24.121 Datasheet HTML 9Page - PULS GmbH UZK24.121 Datasheet HTML 10Page - PULS GmbH UZK24.121 Datasheet HTML 11Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
18. PHYSICAL DIMENSIONS AND WEIGHT
Width
203mm / 8.0’’
Height
186mm / 7.32’’
Depth
124mm / 4.88’’
Weight
9200g / 20.3lb
For UZK24.121
800g / 1.76lb
For UZO24.121
Bracket material
Zinc-plated steel
Fig. 18-1 Front view
Fig. 18-2 Side view
All dimensions in mm
All dimensions in mm
Fig. 18-3 Isometric view
Fig. 18-4 Hole pattern for wall mount
All dimensions in mm
Aug. 2017 / Rev. 2.0 DS-UZK24.121-EN
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/11


유사한 부품 번호 - UZK24.121

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZK24.121 PULS-UZK24.121 Datasheet
325Kb / 9P
   BATTERY MODULE
More results

유사한 설명 - UZK24.121

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
   BATTERY REPLACEMENT 12V, 12AH
logo
GS Yuasa Battery Sales ...
GS-GTX14L-BS GSYUASABATTERY-GS-GTX14L-BS Datasheet
189Kb / 1P
   Capacity (10-hour) 12Ah
logo
PHOENIX CONTACT
2908235 PHOENIX-2908235 Datasheet
56Kb / 2P
   Uninterruptible power supply replacement battery - UPS-BAT-KIT-VRLA2X12V/12AH
09/12/2020
logo
LiTech Power Co.,Ltd.
10S4P LITECH-10S4P Datasheet
1Mb / 6P
   Specification of LiTech Power Li-ion 10S4P 12Ah Flexible Battery Pack
logo
IOGEAR
GBP24V18AH IOGEAR-GBP24V18AH Datasheet
117Kb / 2P
   24V 2U External Battery Pack for GBB1000N
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
PULS GmbH
UZK24.121 PULS-UZK24.121 Datasheet
325Kb / 9P
   BATTERY MODULE
logo
OptoSupply Internationa...
OSR5JA5111A-KKW OPTOSUPPLY-OSR5JA5111A-KKW Datasheet
107Kb / 1P
   5mm Round Module 24V LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com