전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UZK24.121 데이터시트(PDF) 2 Page - PULS GmbH

부품명 UZK24.121
상세설명  BATTERY MODULE 24V, 12AH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULS [PULS GmbH]
홈페이지  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZK24.121 데이터시트(HTML) 2 Page - PULS GmbH

  UZK24.121 Datasheet HTML 1Page - PULS GmbH UZK24.121 Datasheet HTML 2Page - PULS GmbH UZK24.121 Datasheet HTML 3Page - PULS GmbH UZK24.121 Datasheet HTML 4Page - PULS GmbH UZK24.121 Datasheet HTML 5Page - PULS GmbH UZK24.121 Datasheet HTML 6Page - PULS GmbH UZK24.121 Datasheet HTML 7Page - PULS GmbH UZK24.121 Datasheet HTML 8Page - PULS GmbH UZK24.121 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
INDEX
Page
Page
1.
General Description ............................................1
2.
Short-form Data ..................................................1
3.
Order Numbers....................................................1
4.
Markings ..............................................................1
5.
Intended Use .......................................................3
6.
Instructions for Disposal of the Batteries...........3
7.
Instructions for Battery Storage .........................3
8.
Installation Instructions ......................................3
9.
Hazardous Location Installation Instructions.....4
10. Instructions for Replacing Batteries ...................5
11. Functional Diagram.............................................5
12. Environment ....................................................... 6
13. Sensor Board....................................................... 6
14. Terminals and Wiring......................................... 7
15. Protection Features ............................................ 7
16. Approvals ............................................................ 8
17. Other Fulfilled Standards ................................... 8
18. Physical Dimensions and Weight ....................... 9
19. Recommendations for a Long Battery Life ..... 10
20. Mounting Orientations .................................... 11
The information given in this document is correct to the best of our knowledge and experience at the time of
publication. If not expressly agreed otherwise, this information does not represent a warranty in the legal sense of the
word. As the state of our knowledge and experience is constantly changing, the information in this data sheet is
subject to revision. We therefore kindly ask you to always use the latest issue of this document (available under
www.pulspower.com).
No part of this document may be reproduced or utilized in any form without our prior permission in writing.
WARNING
Risk of electrical shock, fire, personal injury or death.
- Turn power off before working on the device. Protect against inadvertent re-powering.
- Do not modify or repair the unit.
- Use caution to prevent any foreign objects from entering the housing.
- Do not use in wet locations or in areas where moisture or condensation can be expected.
- Do not touch during power-on, and immediately after power-off. Hot surfaces may cause burns.
Aug. 2017 / Rev. 2.0 DS-UZK24.121-EN
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/11


유사한 부품 번호 - UZK24.121

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZK24.121 PULS-UZK24.121 Datasheet
325Kb / 9P
   BATTERY MODULE
More results

유사한 설명 - UZK24.121

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
   BATTERY REPLACEMENT 12V, 12AH
logo
GS Yuasa Battery Sales ...
GS-GTX14L-BS GSYUASABATTERY-GS-GTX14L-BS Datasheet
189Kb / 1P
   Capacity (10-hour) 12Ah
logo
PHOENIX CONTACT
2908235 PHOENIX-2908235 Datasheet
56Kb / 2P
   Uninterruptible power supply replacement battery - UPS-BAT-KIT-VRLA2X12V/12AH
09/12/2020
logo
LiTech Power Co.,Ltd.
10S4P LITECH-10S4P Datasheet
1Mb / 6P
   Specification of LiTech Power Li-ion 10S4P 12Ah Flexible Battery Pack
logo
IOGEAR
GBP24V18AH IOGEAR-GBP24V18AH Datasheet
117Kb / 2P
   24V 2U External Battery Pack for GBB1000N
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
PULS GmbH
UZK24.121 PULS-UZK24.121 Datasheet
325Kb / 9P
   BATTERY MODULE
logo
OptoSupply Internationa...
OSR5JA5111A-KKW OPTOSUPPLY-OSR5JA5111A-KKW Datasheet
107Kb / 1P
   5mm Round Module 24V LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com