전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UZO24.071 데이터시트(PDF) 3 Page - PULS GmbH

부품명 UZO24.071
상세설명  BATTERY MODULE 24V, 7AH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULS [PULS GmbH]
홈페이지  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO24.071 데이터시트(HTML) 3 Page - PULS GmbH

  UZO24.071 Datasheet HTML 1Page - PULS GmbH UZO24.071 Datasheet HTML 2Page - PULS GmbH UZO24.071 Datasheet HTML 3Page - PULS GmbH UZO24.071 Datasheet HTML 4Page - PULS GmbH UZO24.071 Datasheet HTML 5Page - PULS GmbH UZO24.071 Datasheet HTML 6Page - PULS GmbH UZO24.071 Datasheet HTML 7Page - PULS GmbH UZO24.071 Datasheet HTML 8Page - PULS GmbH UZO24.071 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UZK24.071, UZO24.071
U-Series
BATTERY MODULE 24V, 7AH
5. INTENDED USE
This module is designed for installation in an enclosure and is intended for the general professional use such as in
industrial control, office, communication, and instrumentation equipment.
Do not use this module in equipment, where malfunction may cause severe personal injury or threaten human life.
6. INSTRUCTIONS FOR DISPOSAL OF THE BATTERIES
Batteries must be completely discharged before replacement and can be returned to the supplier of the battery
module or the battery manufacturer for disposal.
Always dispose batteries through a recycling organization.
7. INSTRUCTIONS FOR BATTERY STORAGE
Do not store batteries or battery modules at temperatures higher than 25°C or performance and lifetime may change.
Do not store discharged batteries. Keep batteries fully charged!
Charge retention is important to get the longest battery life. Stored batteries which are not fully charged age faster
then charged batteries.
Do not store batteries longer than 9 months without charging or performance and lifetime may change. Every 9
months or whenever the open circuit voltage (OCV) falls below 25.2V, the battery module should be charged. Apply a
charging voltage of 27.6V (at 25°C) for 72 hours. Batteries with an OCV below 24V must not be charged anymore and
must be disposed.
8. INSTALLATION INSTRUCTIONS
This device may only be installed and put into operation by qualified personnel.
Before initial use, check the last charging which is marked on the battery. If it is older than 9 month, replace the
battery.
Do not install the battery fuse until the installation work is complete.
This device does not contain serviceable parts, except the fuse or replacement battery. If malfunction should occur
during installation or operation, first check the fuse and battery for proper functionality. If the unit is damaged or if
the malfunction continues, immediately turn power off and send device to the factory for inspection.
Replacement fuses must be of the same type or an UL listed fuse with the same nominal value and characteristics.
Do not short-circuit the battery poles or power wires and always check correct battery polarity.
Mount the device on a flat surface.
Do not install the battery module upside down.
Place the battery module in a cool area inside a cabinet.
Shorten the (+) and (-) wires as needed for the DC-UPS between the battery module and the DC-UPS. If separate wires
are used, do not use wires smaller than 4mm2 (12 AWG).
Aug. 2017 / Rev. 2.0 DS-UZK24.071-EN
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/11


유사한 부품 번호 - UZO24.071

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZO24.071 PULS-UZO24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
More results

유사한 설명 - UZO24.071

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZK12.072 PULS-UZK12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
UZB12.071 PULS-UZB12.071 Datasheet
166Kb / 6P
   BATTERY REPLACEMENT 12V, 7AH
logo
GS Yuasa Battery Sales ...
GS-12N7-4B GSYUASABATTERY-GS-12N7-4B Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
GS-12N7D-3B GSYUASABATTERY-GS-12N7D-3B Datasheet
186Kb / 1P
   Capacity (10-hour) 7Ah
GS-CB7C-A GSYUASABATTERY-GS-CB7C-A Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
GS-12N7-3B GSYUASABATTERY-GS-12N7-3B Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com