전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UZO24.071 데이터시트(PDF) 8 Page - PULS GmbH

부품명 UZO24.071
상세설명  BATTERY MODULE 24V, 7AH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULS [PULS GmbH]
홈페이지  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO24.071 데이터시트(HTML) 8 Page - PULS GmbH

Back Button UZO24.071 Datasheet HTML 3Page - PULS GmbH UZO24.071 Datasheet HTML 4Page - PULS GmbH UZO24.071 Datasheet HTML 5Page - PULS GmbH UZO24.071 Datasheet HTML 6Page - PULS GmbH UZO24.071 Datasheet HTML 7Page - PULS GmbH UZO24.071 Datasheet HTML 8Page - PULS GmbH UZO24.071 Datasheet HTML 9Page - PULS GmbH UZO24.071 Datasheet HTML 10Page - PULS GmbH UZO24.071 Datasheet HTML 11Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UZK24.071, UZO24.071
U-Series
BATTERY MODULE 24V, 7AH
16. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the
- EMC directive and the
- ATEX directive
UL 508
IND. CONT. EQ.
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
ANSI / ISA 12.12.01-2015
Class I Div 2
Recognized for use in Hazardous Location Class I Div 2 T3
Groups A,B,C,D systems; U.S.A. (ANSI / ISA 12.12.01-2015) and
Canada (C22.2 No. 213-M1987)
EN 60079-0, EN 60079-7
ATEX
II 3G Ex ec IIC T4 Gc
Approval for use in hazardous locations Zone 2 Category 3G.
Number of ATEX certificate: EPS 15 ATEX 1 025 X
The battery module must be built-in in an IP23 enclosure.
IEC 60079-0, IEC 60079-7
IECEx
Suitable for use in Class 1 Zone 2 Groups IIa, IIb and IIc
locations. Number of IECEx certificate: IECEx EPS 15.0049X
Marine
GL (Germanischer Lloyd) classified
Environmental category: A
Marine and offshore applications
EAC TR Registration
Registration for the Eurasian Customs Union market
(Russia, Kazakhstan, Belarus)
17. OTHER FULFILLED STANDARDS
RoHS Directive
Directive 2011/65/EU of the European Parliament and the
Council of June 8th, 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment.
Note: Batteries are exempt from the directive. The directive
only applies to the remaining assembly parts of the battery
module.
REACH Directive
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
Aug. 2017 / Rev. 2.0 DS-UZK24.071-EN
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/11


유사한 부품 번호 - UZO24.071

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZO24.071 PULS-UZO24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
More results

유사한 설명 - UZO24.071

제조업체부품명데이터시트상세설명
logo
PULS GmbH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZK12.072 PULS-UZK12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
UZB12.071 PULS-UZB12.071 Datasheet
166Kb / 6P
   BATTERY REPLACEMENT 12V, 7AH
logo
GS Yuasa Battery Sales ...
GS-12N7-4B GSYUASABATTERY-GS-12N7-4B Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
GS-12N7D-3B GSYUASABATTERY-GS-12N7D-3B Datasheet
186Kb / 1P
   Capacity (10-hour) 7Ah
GS-CB7C-A GSYUASABATTERY-GS-CB7C-A Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
GS-12N7-3B GSYUASABATTERY-GS-12N7-3B Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com