전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN23SV70AMPX 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 FAN23SV70AMPX
상세설명  20A Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN23SV70AMPX 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button FAN23SV70AMPX Datasheet HTML 6Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 7Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 8Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 9Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 10Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 11Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 12Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 13Page - ON Semiconductor FAN23SV70AMPX Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN23SV70A • Rev. 1.1
9
Typical Performance Characteristics
Tested using evaluation board circuit shown in Figure 1 with VIN=12 V, TA=25°C, and no airflow; unless otherwise
specified.
Figure 12. Case Temperature Rise vs. Load Current
on 4 Layer PCB, 1 oz Copper, 7 cm x 7 cm
Figure 13. Case Temperature Rise vs. Load Current
on 4 Layer PCB, 1 oz Copper, 7 cm x 7 cm
Figure 14. Load Regulation
Figure 15.Line Regulation
Figure 16. Startup Waveforms with 0 A Load Current Figure 17. Startup Waveforms with 15 A Load Current
EN (5V/div)
Soft Start (0.5V/div)
VOUT (0.5V/div)
PGOOD (5V/div)
VIN=19V
IOUT=0A
Time (500µs/div)
EN (5V/div)
Soft Start (0.5V/div)
VOUT (0.5V/div)
PGOOD (5V/div)
VIN=19V
IOUT=20A
Time (500µs/div)


유사한 부품 번호 - FAN23SV70AMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN23SV04TMPX FAIRCHILD-FAN23SV04TMPX Datasheet
1Mb / 17P
   FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
logo
ON Semiconductor
FAN23SV06AMPX ONSEMI-FAN23SV06AMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV06PAMPX ONSEMI-FAN23SV06PAMPX Datasheet
1Mb / 23P
   6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
   10A Synchronous Buck Regulator
Rev. 1.0
More results

유사한 설명 - FAN23SV70AMPX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN23SV20MAMPX ONSEMI-FAN23SV20MAMPX Datasheet
1Mb / 21P
   20A Synchronous Buck Regulator
Rev. 1.1
logo
Linear Technology
LTC7150SEY LINER-LTC7150SEY Datasheet
435Kb / 8P
   High Efficiency 20A Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ2367QI-11 AOSMD-AOZ2367QI-11 Datasheet
1Mb / 18P
   24V/20A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ2387QI AOSMD-AOZ2387QI Datasheet
3Mb / 18P
   25V/20A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ2377QI AOSMD-AOZ2377QI Datasheet
2Mb / 17P
   24V/20A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
AOZ2366QI AOSMD-AOZ2366QI Datasheet
1Mb / 18P
   28V/20A Synchronous EZBuckTM Regulator
Rev. 1.2 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com