전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6969DQ 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI6969DQ
상세설명  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6969DQ 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI6969DQ Datasheet HTML 1Page - Vishay Siliconix SI6969DQ Datasheet HTML 2Page - Vishay Siliconix SI6969DQ Datasheet HTML 3Page - Vishay Siliconix SI6969DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si6969DQ
Vishay Siliconix
Document Number: 70828
S-59527—Rev. A, 19-Oct-98
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00
0.02
0.04
0.06
0.08
0.10
0
6
12
18
24
30
0
6
12
18
24
30
0
246
8
10
12
0.0
0.9
1.8
2.7
3.6
4.5
0
3
6
9
12
151821
0.6
0.8
1.0
1.2
1.4
- 50
- 25
0
25
50
75
100
125
150
0
800
1600
2400
3200
4000
0
246
8
10
12
VGS = 5 thru 2,5 V
25
_C
TC = - 55_C
Crss
Coss
Ciss
VDS = 6 V
ID = 4.6 A
VGS = 4.5 V
ID = 4.6 A
VGS = 4.5 V
VGS = 2.5 V
2 V
125
_C
1.5 V
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
1 V
VGS = 1.8 V


유사한 부품 번호 - SI6969DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6969DQ VISHAY-SI6969DQ Datasheet
107Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI6969DQ VISHAY-SI6969DQ_V01 Datasheet
107Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI6969DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com