전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA5619M 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA5619M
상세설명  Lead Battery Charger IC with Battery Voltage Detection Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5619M 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA5619M Datasheet HTML 1Page - Sanyo Semicon Device LA5619M Datasheet HTML 2Page - Sanyo Semicon Device LA5619M Datasheet HTML 3Page - Sanyo Semicon Device LA5619M Datasheet HTML 4Page - Sanyo Semicon Device LA5619M Datasheet HTML 5Page - Sanyo Semicon Device LA5619M Datasheet HTML 6Page - Sanyo Semicon Device LA5619M Datasheet HTML 7Page - Sanyo Semicon Device LA5619M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
No. 5673-2/8
LA5619M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Charge System]
Charge voltage (when trickle is selected)
VO1IO = 10 mA
4.4
4.6
4.7
V
Charge voltage (when cycle is selected)
VO2IO = 50 mA
4.7
4.9
5.0
V
Differential charge voltage
Vdif
∆VO = VO2 – VO1
0.2
0.3
0.4
V
Cycle
→ trickle switching current
ICT1
20
23
26
mA
Trickle
→ cycle switching current
ICT2
35
41
47
mA
Output peak current
IOP
RL = 33 Ω
112.5
125
137.5
mA
Line regulation (when trickle is selected)
VOLN1
VCC = 8 to 14.5 V, IO = 10 mA
50
100
mV
Line regulation (when cycle is selected)
VOLN2
VCC = 8 to 14.5 V, IO = 50 mA
100
150
mV
Load regulation (when trickle is selected)
VOLD1
IO = 0.5 to 30 mA
50
100
mV
Load regulation (when cycle is selected)
VOLD2
IO = 50 to 60 mA
100
150
mV
ICC1
IO = 0 mA
6
10
mV
Current drain
ICC2
IO = 50 mA (ICC2 includes IO)
65
73
mA
ICC3
RL = 33 Ω (ICC3 includes IO)
155
175
mA
CHG DET, OUT remaining voltage
VCHG-LED IIN = 40 mA
1.1
1.3
V
CHG DET, OUT leak voltage
ICHG-LED
VIN = 9 V
200
nA
CHARGE detection current
ICHG-DET1 on → off
0.15
0.25
0.35
mA
ICHG-DET2 off → on
0.8
1.0
1.2
mA
VCC DET remaining voltage
VDET
IIN = 40 mA
1.1
1.3
V
VCC DET leak voltage
IDET
VIN = 9 V
200
nA
VCC DET detection voltage
VCC-DET
4.95
5.2
5.3
V
VCC DET hysteresis width
VCC-DET, HYS
0.05
0.1
0.2
V
[Battery System]
Battery detection voltage
VBatt
3.17
3.3
3.43
V
VBatt DET OUT1 pin’s remaining voltage
VBAT-OUT1 IIN = 40 mA
0.3
0.5
V
VBatt DET OUT1 pin’s leak current
IBAT-OUT1 VIN = 5 V
200
nA
Current drain when detection circuit is off
IOFF
batt = 2.5 V
5
6
µA
Current drain when detection circuit is on
ION
No load
350
500
µA
Current drain during Battery SAVE
ISAVE
VBatt CTRL = 4 V
20
30
µA
VBatt DET OUT2 pin’s remaining voltage
VBAT-OUT2 IIN = 40 mA
1.1
1.3
V
[Internal Transistors for Reset]
REST OUT remaining voltage
VREST
REST.IN = 2 µA, IIN = 50 µA
0.3
0.5
V
REST OUT leak current
IREST
VIN = 5 V
200
nA
[VBatt CTRL Pin]
Threshold voltage
VBatt-CTRL
1.10
1.27
1.50
V
VBatt CTRL pin input current
IBatt-CTRL VIN = 4 V
17
24
µA
Operating Characteristics at Ta = 25°C, VCC = 9 V, Batt. IN = 4 V
Operating temperature, Ta — °C
Recommended
board mounting
Independent IC
Pin Assignment
Copper plating 180 mm2
Board material: Paper phenol t = 1.5 mm


유사한 부품 번호 - LA5619M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
LA5613 SANYO-LA5613 Datasheet
59Kb / 4P
   VCR Regulator and Control Amplifier
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
   Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
More results

유사한 설명 - LA5619M

제조업체부품명데이터시트상세설명
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
   USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
CN3717 CONSONANCE-CN3717 Datasheet
264Kb / 11P
   Lead-Acid Battery Charger IC
CN3768 CONSONANCE-CN3768 Datasheet
286Kb / 10P
   Lead-Acid Battery Charger IC
logo
New Japan Radio
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
   Battery Charger IC
NJM2336 NJRC-NJM2336 Datasheet
180Kb / 7P
   Battery Charger IC
logo
Toshiba Semiconductor
TA8532P TOSHIBA-TA8532P Datasheet
408Kb / 10P
   BATTERY CHARGER IC
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
   IC for Battery Charger
2014-10-01
logo
Shanghai Consonance Ele...
CN3066 CONSONANCE-CN3066 Datasheet
247Kb / 12P
   Lithium Battery Charger IC
CN3153 CONSONANCE-CN3153 Datasheet
173Kb / 11P
   Lithium Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com