전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL110 데이터시트(PDF) 2 Page - Lumins Inc.

부품명 SL110
상세설명  LED heat dissipater plate
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMINIS [Lumins Inc.]
홈페이지  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SL110 데이터시트(HTML) 2 Page - Lumins Inc.

  SL110 Datasheet HTML 1Page - Lumins Inc. SL110 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
2
SL110 SERIES
SLICE - LED
TYPICAL PHOTOMETRY SUMMARY
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
LUMINAIRE SELECTION
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
120V
277V
Optional
347V
MODEL#
LED LIGHT SELECTION
VOLTAGE 1
FINISH
SL110
SUFFIX
L24W28
INPUT
WATTS
28W
DELIVERED
LUMENS
2400
CRI
80
CCT ºK
4000 ºK
NOTES
1- Luminaires are factory prewired for 120V (if no voltage is specified.) For other voltages, please specify with catalog number, or consult factory.
ELECTRICAL
FS
Fuse
347L 347V input power driver
Alternate CCT ºK LED
K3SL 3000ºK CCT LED
K5SL 5000ºK CCT LED
OPTIONS


유사한 부품 번호 - SL110

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SL110 BILIN-SL110 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SL110 CHENDA-SL110 Datasheet
194Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SL110 YANGJIE-SL110 Datasheet
182Kb / 2P
   Schottky Rectifier
logo
RFE international
SL110 RFE-SL110 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-11-2022
logo
GOOD-ARK Electronics
SL110A GOOD-ARK-SL110A Datasheet
196Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

유사한 설명 - SL110

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
R9-NBS-E36K-GP ETC2-R9-NBS-E36K-GP Datasheet
533Kb / 2P
   Aluminum plate for laptop heat dissipation
logo
Dialight Corporation
79001CB DIALIGHT-79001CB Datasheet
83Kb / 1P
   LED License Plate Light
logo
List of Unclassifed Man...
LH01APTAI003 ETC-LH01APTAI003 Datasheet
264Kb / 6P
   LED Heat Dissipation Substrate
LHA01APTAI001 ETC-LHA01APTAI001 Datasheet
218Kb / 6P
   LED Heat Dissipation Substrate
LHA01APTAI004 ETC-LHA01APTAI004 Datasheet
283Kb / 6P
   LED Heat Dissipation Substrate
LHA01APTAI004G ETC-LHA01APTAI004G Datasheet
261Kb / 6P
   LED Heat Dissipation Substrate
logo
Festo Corporation.
560955 FESTO-560955 Datasheet
67Kb / 1P
   Plate
8/4/22
560957 FESTO-560957 Datasheet
74Kb / 1P
   Plate
8/2/22
logo
Advanced Thermal Soluti...
CIP-1000 ATS-CIP-1000 Datasheet
489Kb / 1P
   CONTROLLABLE ISOTHERMAL PLATE SYSTEM FOR A HIGHLY ACCURATE, ADJUSTABLE HEAT SOURCE
R2_0215
logo
Festo Corporation.
560956 FESTO-560956 Datasheet
58Kb / 1P
   Plate
8/1/2
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com