전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ML105SM-05RI4 데이터시트(HTML) 1 Page - MicroPower Direct, LLC

부품명 ML105SM-05RI4
상세내용  Medical Approved Compact SMT, 1W DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MPD [MicroPower Direct, LLC]
홈페이지  http://www.micropowerdirect.com
Logo 

ML105SM-05RI4 데이터시트(HTML) 1 Page - MicroPower Direct, LLC

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
ML100MRI4
Medical Approved
Compact SMT, 1W
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
Dual Outputs, Balanced Loads
±0.1
±1.0
%
Line Regulation
For VIN Change of 1%
±1.2
±1.5
%
Load Regulation
IOUT = 10% to 100%
±10
%
Ripple & Noise (20 MHz)
See Note 2
100
mV P - P
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuos (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
4,000
Vrms
Reinforced Insulation Working Voltage
250 Vrms
Leakage Current
240 VAC, 60 Hz
2.0
µA
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
20
pF
Switching Frequency
50
80
100
kHz
EMI Characteristics, See Note 3
Parameter
Standard
Criteria
Level
EMC
Complies With EN 55011 4TH Edition
EMS
Complies With EN 60601-1-2
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+95
°C
Case
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.14 Oz (4.1g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Safety Standards
IEC/EN 60601-1, EN 60601-1 3RD Edition, 2xMOPP
ANSI/AAMI ES 60601-1, 2xMOPP Recognition, (UL Certificate)
ANSI/AAMI ES 60601-1, CAN/CSA-C22.2 No.60601-1
Moisture Sensitivity Level, See Note 4
IPC/JEDEC J-STD-020D.1 Level 2
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
9.0
VDC
12 VDC Input
18.0
24 VDC Input
30.0
Peak Reflow Temperature
See Note 5
245
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
EN 60601 3RD Ed. Approved
1W Output Power
4 kVrms Isolation
Reinforced Insulation
2 x MOPP per EN 60601-1
3RD Edition & ANSI/AAMI
ES 60601-1
2 µA Max Leakage Current
Compact SMT Case
Single & Dual Outputs


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn