์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM50DL128BH ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Advanced Micro Devices

๋ถ€ํ’ˆ๋ช… AM50DL128BH
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AMD [Advanced Micro Devices]
ํ™ˆํŽ˜์ด์ง€  http://www.amd.com
Logo 

AM50DL128BH ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Advanced Micro Devices

 
Zoom Inzoom in Zoom Outzoom out
/ 68 page
 3 / 68 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 30773
Rev: A Amendment/+1
Issue Date: October 7, 2003
Refer to AMDโ€™s Website (www.amd.com) for the latest information.
Am50DL128BH
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memories and 32 Mbit (2 M x 16-Bit) Pseudo Static RAM with Page Mode
DISTINCTIVE CHARACTERISTICS
MCP Features
โ–  Power supply voltage of 2.7 to 3.3 volt
โ–  High performance
โ€” Access time as fast as 55 ns
โ–  Package
โ€” 73-Ball FBGA
โ–  Operating Temperature
โ€” โ€“40ยฐC to +85ยฐC
Flash Memory Features
ARCHITECTURAL ADVANTAGES
โ–  Simultaneous Read/Write operations
โ€” Data can be continuously read from one bank while
executing erase/program functions in another bank.
โ€” Zero latency between read and write operations
โ–  Flexible Bank
โ„ข architecture
โ€” Read may occur in any of the three banks not being written
or erased.
โ€” Four banks may be grouped by customer to achieve desired
bank divisions.
โ–  Manufactured on 0.13 ยตm process technology
โ–  SecSiโ„ข (Secured Silicon) Sector: Extra 256 Byte sector
โ€” Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number; verifiable
as factory locked through autoselect function. ExpressFlash
option allows entire sector to be available for
factory-secured data
โ€” Customer lockable: Sector is one-time programmable. Once
sector is locked, data cannot be changed.
โ–  Zero Power Operation
โ€” Sophisticated power management circuits reduce power
consumed during inactive periods to nearly zero.
โ–  Boot sectors
โ€” Top and bottom boot sectors in the same device
โ–  Compatible with JEDEC standards
โ€” Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
โ–  High performance
โ€” Access time as fast as 55 ns
โ€” Program time: 4 ยตs/word typical utilizing Accelerate function
โ–  Ultra low power consumption (typical values)
โ€” 2 mA active read current at 1 MHz
โ€” 10 mA active read current at 5 MHz
โ€” 200 nA in standby or automatic sleep mode
โ–  Minimum 1 million erase cycles guaranteed per sector
โ–  20 year data retention at 125
ยฐC
โ€” Reliable operation for the life of the system
SOFTWARE FEATURES
โ–  Data Management Software (DMS)
โ€” AMD-supplied software manages data programming,
enabling EEPROM emulation
โ€” Eases historical sector erase flash limitations
โ–  Supports Common Flash Memory Interface (CFI)
โ–  Program/Erase Suspend/Erase Resume
โ€” Suspends program/erase operations to allow
programming/erasing in same bank
โ–  Data# Polling and Toggle Bits
โ€” Provides a software method of detecting the status of
program or erase cycles
โ–  Unlock Bypass Program command
โ€” Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
โ–  Any combination of sectors can be erased
โ–  Ready/Busy# output (RY/BY#)
โ€” Hardware method for detecting program or erase cycle
completion
โ–  Hardware reset pin (RESET#)
โ€” Hardware method of resetting the internal state machine to
the read mode
โ–  WP#/ACC input pin
โ€” Write protect (WP#) function protects sectors 0, 1, 140, and
141, regardless of sector protect status
โ€” Acceleration (ACC) function accelerates program timing
โ–  Sector protection
โ€” Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program or
erase operation within that sector
โ€” Temporary Sector Unprotect allows changing data in
protected sectors in-system
pSRAM Features
โ–  Power dissipation
โ€” Operating: 40 mA maximum
โ€” Standby: 70 ยตA maximum
โ€” Deep power-down standby: 5 ยตA
โ–  CE1s# and CE2s Chip Select
โ–  Power down features using CE1s# and CE2s
โ–  Data retention supply voltage: 2.7 to 3.3 volt
โ–  Byte data control: LB#s (DQ7โ€“DQ0), UB#s (DQ15โ€“DQ8)
โ–  8-word page mode access


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn