전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT137E 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT137E
상세설명  High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT137E 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CD74HCT137E Datasheet HTML 2Page - Texas Instruments CD74HCT137E Datasheet HTML 3Page - Texas Instruments CD74HCT137E Datasheet HTML 4Page - Texas Instruments CD74HCT137E Datasheet HTML 5Page - Texas Instruments CD74HCT137E Datasheet HTML 6Page - Texas Instruments CD74HCT137E Datasheet HTML 7Page - Texas Instruments CD74HCT137E Datasheet HTML 8Page - Texas Instruments CD74HCT137E Datasheet HTML 9Page - Texas Instruments CD74HCT137E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LE Pulse Width
tW
2
50-
-65-75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
1
-
13
-
ns
HCT TYPES
An to LE Setup Time
tSU
4.5
10
-
-
13
-
15
-
ns
An to LE Hold Time
tH
CD74HCT137
4.5
7
-
-
9
-
11
-
ns
CD74HCT237
tH
4.5
5-
-5-5-
ns
LE Pulse Width
tW
4.5
10
-
-
13
-
15
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
CD74HC137, CD74HCT137
tPLH, tPHL CL = 50pF
2
-
-
180
-
225
-
270
ns
An to any Y
4.5
-
-
36
-
45
-
54
ns
6
-
-
31
-
38
-
46
ns
Propagation Delay
’HC237, CD74HCT237
tPLH, tPHL CL = 50pF
2
-
-
160
-
200
-
240
ns
An to any Y
4.5
-
-
32
-
40
-
48
ns
6
-
-
27
-
34
-
41
ns
Address to Output
CD74HC137
tPLH, tPHL CL = 15pF
5
5
15
-
-
-
-
-
ns
’HC237
tPLH, tPHL CL = 15pF
5
-
13
-
-
-
-
-
ns
OE0 to any Y or Y
tPLH, tPHL CL = 50pF
2
-
-
145
-
180
-
220
ns
4.5
-
-
29
-
36
-
44
ns
6
-
-
25
-
31
-
38
ns
OE1 to any Y or Y
tTLH, tTHL CL = 50pF
2
-
-
145
-
180
-
220
ns
4.5
-
-
29
-
36
-
44
ns
6
-
-
25
-
31
-
38
ns
LE to any Y or Y
tTLH, tTHL CL = 50pF
2
-
-
190
-
240
-
285
ns
4.5
-
-
38
-
48
-
57
ns
6
-
-
32
-
41
-
48
ns
Power Dissipation
Capacitance, (Notes 3, 4)
CD74HC137
CPD
CL = 15pF
5
-
19
-
-
-
-
-
pF
’HC237
CPD
CL = 15pF
5
-
23
-
-
-
-
-
pF
Output Transition Time
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Prerequisite For Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC137, CD74HCT137, CD54HC237, CD74HC237, CD74HCT237


유사한 부품 번호 - CD74HCT137E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT137E TI-CD74HCT137E Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HCT137E TI-CD74HCT137E Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HCT137E TI-CD74HCT137E Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HCT137E TI-CD74HCT137E Datasheet
65Kb / 9P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HCT137E TI1-CD74HCT137E Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
More results

유사한 설명 - CD74HCT137E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC137 TI-CD74HC137_08 Datasheet
668Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_07 Datasheet
528Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_02 Datasheet
65Kb / 9P
[Old version datasheet]   High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD74HC137 TI1-CD74HC137_15 Datasheet
1,001Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com