전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G696H400T 데이터시트(PDF) 2 Page - Global Mixed-mode Technology Inc

부품명 G696H400T
상세설명  Microprocessor Reset IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GMT [Global Mixed-mode Technology Inc]
홈페이지  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696H400T 데이터시트(HTML) 2 Page - Global Mixed-mode Technology Inc

  G696H400T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696H400T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696H400T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696H400T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696H400T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696H400T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696H400T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696H400T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.1
Jul 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G696/G697
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC.……………………………..…….…….-0.3V to +6.0V
Delay Capacitor Pin Voltage, VCD…..-0.3 to (VCC +0.3V)
RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V)
RESET (open drain)...…......…................-0.3V to +6.0V
Input Current, VCC ............................…..…............20mA
Output Current, RESET, RESET ......…...............20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23-5 (derate 2.17mW/°C above +70°C).174mW
Operating Temperature Range …...…..-40°C to +105°C
Storage Temperature Range..….…......-65°C to +150°C
Lead Temperature (soldering, 10s)...…...….…...+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause p’ermanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS
TA = 0°C +70°C
0.8
5.5
VCC Range
TA = -40°C +105°C
1
5.5
V
VCC<5.5V, G69_ _463/438/400/330_
6
10
Supply Current (SOT23-5)
ICC
VCC<3.6V, G69_ _308/293/263_
5
8.5
µA
G69_ _463_
4.537
4.63
4.722
G69_ _438_
4.293
4.38
4.467
G69_ _400_
3.92
4
4.08
G69_ _330_
3.234
3.30
3.366
G69_ _308_
3.019
3.08
3.141
G69_ _293_
2.872
2.93
2.988
Reset Threshold
VTH-
G69_ _263_
2.578
2.63
2.682
V
G69__463_
139
231
324
G69__438_
132
219
306
G69__400_
120
200
280
G69__330_
99
165
231
G69__308_
93
154
215
G69__293_
88
146
205
Reset Threshold Hystersis
VHYS
G69__263_
79
131
184
mV
Reset Threshold Tempco
70
ppm/°C
VCC = 5V G69_ _ 463/438/400/330__
3
3.3
3.9
V
VCC =3.3V G69_ _308/293
1.9
2.3
2.7
CD Delay Pin Threshold Voltage
VTDC
VCC =3.0V G69_ 263_
1.8
2.2
2.6
Delay Capacitor Pin Sink Current
ICD
VCC = 1.5V, VCD = 0.5V
3
5
mA
Delay Pull up Resistance
RD
1
1.5
2.3
M


유사한 부품 번호 - G696H400T

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G696H400T1U GMT-G696H400T1U Datasheet
164Kb / 11P
   Microprocessor Reset IC
G696H400T1UF GMT-G696H400T1UF Datasheet
164Kb / 11P
   Microprocessor Reset IC
G696H400TOU GMT-G696H400TOU Datasheet
164Kb / 11P
   Microprocessor Reset IC
G696H400TOUF GMT-G696H400TOUF Datasheet
164Kb / 11P
   Microprocessor Reset IC
More results

유사한 설명 - G696H400T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com