전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G696H308T 데이터시트(PDF) 3 Page - Global Mixed-mode Technology Inc

부품명 G696H308T
상세설명  Microprocessor Reset IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GMT [Global Mixed-mode Technology Inc]
홈페이지  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696H308T 데이터시트(HTML) 3 Page - Global Mixed-mode Technology Inc

  G696H308T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696H308T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696H308T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696H308T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696H308T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696H308T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696H308T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696H308T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 1.1
Jul 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G696/G697
Global Mixed-mode Technology Inc.
Electrical Characteristics (Continued)
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400/330 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS
RESET
Output Current Low (push-pull active low,
and open-drain active-low, G696L and G697L)
IOL
VCC = 2.5V, V RESET = 0.5V
8
mA
VCC = 5V, V RESET = 4.5V,
G696L463/438/400/330
4.5
VCC = 3.3V, V RESET = 2.8V,
G696L308/293
3
RESET
Output Current High (push-pull active
low, G696L)
IOH
VCC = 3V, V RESET = 2.5V,
G696L263
2
mA
VCC = 5V, VRESET = 0.5V,
G696H463/438/400/330
16
VCC = 3.3V, VRESET = 0.5V,
G696H308/293
12
RESET Output Current Low (push-pull active
high, G696H)
IOL
VCC = 3V, VRESET = 0.5V,
G696H263
10
mA
RESET Output Current High (push-pull active
high, G696H)
IOH
VCC = 2.5V, VRESET = 2V
2
mA
RESET
Open-Drain Output Leakage Current
(G697L)
VCC > VTH, RESET deasserted
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Selector Guide
PART/SUFFIX
RESET THRESHOLD (V)
OUTPUT TYPE
TOP MARK
G697L463T_
4.63
Open-Drain RESET
697Gx
G697L438T_
4.38
Open-Drain RESET
697Fx
G697L400T_
4.00
Open-Drain RESET
697Ex
G697L330T_
3.30
Open-Drain RESET
697Dx
G697L308T_
3.08
Open-Drain RESET
697Cx
G697L293T_
2.93
Open-Drain RESET
697Bx
G697L263T_
2.63
Open-Drain RESET
697Ax
G696H463T_
4.63
Push-Pull RESET
696Lx
G696H438T_
4.38
Push-Pull RESET
696Kx
G696H400T_
4.00
Push-Pull RESET
696Jx
G696H330T_
3.30
Push-Pull RESET
696Nx
G696H308T_
3.08
Push-Pull RESET
696Ix
G696H293T_
2.93
Push-Pull RESET
696Hx
G696H263T_
2.63
Push-Pull RESET
696Gx
G696L463T_
4.63
Push-Pull RESET
696Fx
G696L438T_
4.38
Push-Pull RESET
696Ex
G696L400T_
4.00
Push-Pull RESET
696Dx
G696L330T_
3.30
Push-Pull RESET
696Mx
G696L308T_
3.08
Push-Pull RESET
696Cx
G696L293T_
2.93
Push-Pull RESET
696Bx
G696L263T_
2.63
Push-Pull RESET
696Ax


유사한 부품 번호 - G696H308T

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G696H308T1U GMT-G696H308T1U Datasheet
164Kb / 11P
   Microprocessor Reset IC
G696H308T1UF GMT-G696H308T1UF Datasheet
164Kb / 11P
   Microprocessor Reset IC
G696H308TOU GMT-G696H308TOU Datasheet
164Kb / 11P
   Microprocessor Reset IC
G696H308TOUF GMT-G696H308TOUF Datasheet
164Kb / 11P
   Microprocessor Reset IC
More results

유사한 설명 - G696H308T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com