전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP266D 데이터시트(PDF) 1 Page - TT Electronics.

부품명 OP266D
상세설명  Plastic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP266D 데이터시트(HTML) 1 Page - TT Electronics.

  OP266D Datasheet HTML 1Page - TT Electronics. OP266D Datasheet HTML 2Page - TT Electronics. OP266D Datasheet HTML 3Page - TT Electronics. OP266D Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OP265, OP266 Series
(A, B, D, W)
© TT electronics plc
Issue E
07/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in the OP265 and OP266 series is a high intensity gallium arsenide infrared emitting diode (GaAIAs) that is
molded in an IR transmissive clear epoxy package with either a dome or flat lens. Devices feature narrow and wide
irradiance patterns and a variety of electrical characteristics. The small T-1 package style makes these devices ideal for
space-limited applications.
OP265 devices conform to the OP505 and OP535 series devices. OP266 devices conform to OP506 series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
Space-limited applications
Applications requiring coupling efficiency
Battery-operated or voltage-limited
applications
Features:
 T-1 (3 mm) package style
 Choice of narrow or wide irradiance pattern
 Choice of dome or flat lens
 Mechanically and spectrally matched to other OPTEK devices
 Higher power output than GaAs at equivalent drive currents
 890 nm diodes
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power (mW/cm
2)
Min / Max
IF (mA)
Typ / Max
Total Beam
Angle
Lead
Length
OP265A
890 nm
2.70 / NA
20 / 50
18°
See page
2
OP265B
1.65 / 4.70
OP265D
0.54 / NA
OP265W
1.00 / NA
90°
OP266A
2.70 / NA
18°
OP266B
1.65 / 4.70
OP266D
0.54 / NA
OP266W
1.00 / NA
90°
RoHS


유사한 부품 번호 - OP266D

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OP266D OPTEK-OP266D Datasheet
323Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP266D OPTEK-OP266D Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
OP266D OPTEK-OP266D Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
More results

유사한 설명 - OP266D

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com