전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4220 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LA4220
상세설명  3.5W AF POWER AMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4220 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LA4220 Datasheet HTML 1Page - Sanyo Semicon Device LA4220 Datasheet HTML 2Page - Sanyo Semicon Device LA4220 Datasheet HTML 3Page - Sanyo Semicon Device LA4220 Datasheet HTML 4Page - Sanyo Semicon Device LA4220 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


유사한 부품 번호 - LA4220

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
More results

유사한 설명 - LA4220

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE1685 NTE-NTE1685 Datasheet
21Kb / 2P
   Integrated Circuit Dual AF Power Amp, 3.5W
logo
Sanyo Semicon Device
LA4265 SANYO-LA4265 Datasheet
267Kb / 8P
   3.5W Monaural Power Amp
2SB1266 SANYO-2SB1266 Datasheet
106Kb / 4P
   AF Power Amp Applications
LA4558 SANYO-LA4558 Datasheet
282Kb / 8P
   2-Channel AF Power Amp
logo
List of Unclassifed Man...
STK040 ETC-STK040 Datasheet
111Kb / 1P
   10,15,20W MIN AF POWER AMP
logo
Sanyo Semicon Device
STK4171X SANYO-STK4171X Datasheet
72Kb / 3P
   2-Channel AF Power Amp
STK8250 SANYO-STK8250 Datasheet
68Kb / 2P
   50W MIN AF POWER AMP
STK4273 SANYO-STK4273 Datasheet
133Kb / 3P
   2 Channel AF Power Amp
logo
List of Unclassifed Man...
STK4101II ETC-STK4101II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
2SA1392 SANYO-2SA1392 Datasheet
117Kb / 4P
   AF Amp Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com