전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDW93B 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 BDW93B
상세설명  NPN Silicon Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BDW93B 데이터시트(HTML) 1 Page - Micro Commercial Components

  BDW93B Datasheet HTML 1Page - Micro Commercial Components BDW93B Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BDW93B
NPN Silicon
Power Transistors
Features
Maximum Ratings
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=100mAdc, IB=0)
80
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=80Vdc,IE=0)
---
0.1
mAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
2.0
mAdc
ON CHARACTERISTICS
hFE-1
Forward Current Transfer ratio
(IC=3.0Adc, VCE=3.0Vdc)
1000
---
---
hFE-2
Forward Current Transfer ratio
(IC=5.0Adc, VCE=3.0Vdc)
750
20000
---
hFE-3
Forward Current Transfer ratio
(IC=10Adc, VCE=3.0Vdc)
100
---
---
VCE(sat)-1
Collector-Emitter Saturation Voltage
(IC=5.0Adc, IB=20mAdc)
---
2.0
Vdc
VCE(sat)-2
Collector-Emitter Saturation Voltage
(IC=10Adc, IB=100mAdc)
---
3.0
Vdc
VBE(sat)-1
Base-Emitter Saturation Voltage
(IC=5.0Adc,IB=20mAdc)
---
2.5
Vdc
VBE(sat)-2
Base-Emitter Saturation Voltage
(IC=10Adc,IB=100mAdc)
---
4.0
Vdc
TO-220
Revision: D
2014/11/18
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Intended for use in power linear and switching applications
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
80
V
VCBO
Collector-Base Voltage
80
V
VEBO
Emitter-Base Voltage
5.0
V
ICP
Peak Collector Current
15
A
IC
Collector Current
12
A
PC
Collector power dissipation
80
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Mounting Torgue: 5 in-lbs Maximum
Halogen free available upon request by adding suffix "-HF"


유사한 부품 번호 - BDW93B

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BDW93B MOSPEC-BDW93B Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW93B POINN-BDW93B Datasheet
147Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW93B FAIRCHILD-BDW93B Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
logo
Bourns Electronic Solut...
BDW93B BOURNS-BDW93B Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW93B SAVANTIC-BDW93B Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - BDW93B

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com