전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3057A 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 2N3057A
상세설명  LOW POWER NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3057A 데이터시트(HTML) 1 Page - Microsemi Corporation

  2N3057A Datasheet HTML 1Page - Microsemi Corporation 2N3057A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
LOW POWER NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/391
Devices
Qualified Level
2N3019
2N3019S
2N3057A
2N3700
2N3700S
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
140
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Collector Current
IC
1.0
Adc
Total Power Dissipation
@ TA = +25
0C(1)
2N3019; 2N3019S
2N3057A
2N3700
2N3700UB
@ TC = +25
0C(2)
2N3019; 2N3019S
2N3057A
2N3700
2N3700UB
PT
0.8
0.4
0.5
0.4
5.0
1.8
1.8
1.16
W
W
Operating & Storage Jct Temp Range
TJ, Tstg
-55 to +175
0C
1)
Derate linearly 4.6 mW/
0C for type 2N3019 and 2N3019S; 2.3 mW/0C for type 2N3057A;
2.85 mW/
0C for type 2N3700; 6.6 mW/0C for type 2N3700UB for TA
≥ +250C.
2)
Derate linearly 28.6 mW/
0C for type 2N3019 and 2N3019S;
10.3 mW/
0C for types 2N3057A, 2N3700, & 2N3700UB for TC
≥ +250C.
TO-39* (TO-205AD)
2N3019, 2N3019S
TO- 18* (TO-206AA)
2N3700
TO-46* (TO-206AB)
2N3057A
3 PIN SURFACE MOUNT*
2N3700UB
*See appendix A for package
outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
IC = 100 µAdc
V(BR)CBO
140
Vdc
Emitter-Base Breakdown Voltage
IE = 100 µAdc
V(BR)EBO
7.0
Vdc
Collector-Emitter Breakdown Current
IC = 30 mAdc
V(BR)CEO
80
Vdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


유사한 부품 번호 - 2N3057A

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N3057A SEMICOA-2N3057A Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2N3057A SEMICOA-2N3057A Datasheet
45Kb / 2P
   Type 2N3057A Geometry 4500 Polarity NPN
2N3057A SEMICOA-2N3057A Datasheet
211Kb / 2P
   Silicon NPN Transistor
logo
M/A-COM Technology Solu...
2N3057A MA-COM-2N3057A Datasheet
573Kb / 5P
   NPN Low Power Silicon Transistor
logo
Semicoa Semiconductor
2N3057A SEMICOA-2N3057A_02 Datasheet
211Kb / 2P
   Silicon NPN Transistor
More results

유사한 설명 - 2N3057A

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com