전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7228KR 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7228KR
상세설명  LC2MOS Octal 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7228KR 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7228KR Datasheet HTML 5Page - Analog Devices AD7228KR Datasheet HTML 6Page - Analog Devices AD7228KR Datasheet HTML 7Page - Analog Devices AD7228KR Datasheet HTML 8Page - Analog Devices AD7228KR Datasheet HTML 9Page - Analog Devices AD7228KR Datasheet HTML 10Page - Analog Devices AD7228KR Datasheet HTML 11Page - Analog Devices AD7228KR Datasheet HTML 12Page - Analog Devices AD7228KR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7228
Data Sheet
Rev. D | Page 8 of 15
THEORY OF OPERATION
CIRCUIT INFORMATION
DACs
The AD7228 contains eight identical, 8-bit, voltage mode DACs.
The output voltages from the converters have the same polarity
as the reference voltage, allowing single-supply operation. A
novel DAC switch pair arrangement on the AD7228 allows a
reference voltage range from 2 V to 10 V. Each DAC consists of
a highly stable, thin film, R-2R ladder and eight high speed
NMOS switches. The simplified circuit diagram for one channel
is shown in Figure 5. Note that VREF and GND are common to
all eight DACs.
RR
R
2R
DB7
2R
DB6
2R
DB5
VREF
VOUT
NOTES
1. SHOWN FOR ALL 1s ON DAC.
GND
2R
DB0
2R
Figure 5. DAC Simplified Circuit Diagram
The input impedance at the VREF pin of the AD7228 is the parallel
combination of the eight individual DAC reference input imp-
edances. It is code dependent and can vary from 2 kΩ to infinity.
The lowest input impedance occurs when all eight DACs are
loaded with digital code 01010101. Therefore, it is important
that the external reference source presents a low output imp-
edance to the VREF terminal of the AD7228 under changing load
conditions. Due to transient currents at the reference input during
digital code changes, a 0.1 μF (or greater) decoupling capacitor is
recommended on the VREF input for dc applications. The nodal
capacitance at the reference terminal is also code dependent
and typically varies from 120 pF to 350 pF.
Consider each VOUTX pin as a digitally programmable voltage
source with an output voltage.
VOUTx = DN × VREF
where DN is a fractional representation of the digital input code
and can vary from 0 to 255/256.
The output impedance is that of the output buffer amplifier as
described in the Op Amp section.
Op Amp
Each voltage mode DAC output is buffered by a unity-gain,
noninverting, CMOS amplifier. This buffer amplifier is tested
with a 2 kΩ and 100 pF load, but typically drives a 2 kΩ and
500 pF load.
The AD7228 can be operated from single or dual supplies.
Operating the device from single or dual supplies has no effect
on the positive going settling time. However, the negative going
settling time to voltages near 0 V in single-supply operation is
slightly longer than the settling time for dual supply operation.
Additionally, to ensure that the output voltage can go to 0 V in
single-supply operation, a transistor on the output acts as a
passive pull-down as the output voltage nears 0 V. As a result,
the sink capability of the amplifier is reduced as the output
voltage nears 0 V in single-supply operation. In dual supply
operation, the full sink capability of 400 μA at 25°C is maintained
over the entire output voltage range. The single-supply output
sink capability is shown in Figure 6. The negative VSS also gives
improved output amplifier performance, allowing an extended
input reference voltage range and giving an improved slew rate
at the output.
600
500
400
300
200
100
0
1
2345
6
OUTPUT VOLTAGE (V)
789
10
VDD = +15V
VSS = 0V
TA = –55°C
TA = +25°C
TA = +125°C
Figure 6. Single Supply Sink Current
The output broadband noise from the amplifier is 300 μV p-p.
Figure 7 shows a plot of noise spectral density vs. frequency.
700
600
500
400
300
200
100
0
FREQUENCY (Hz)
100
1k
10k
100k
VDD = +15V
VSS = –5V
TA = 25°C
Figure 7. Noise Spectral Density vs. Frequency
Digital Inputs
The AD7228 digital inputs are compatible with either TTL or
5 V CMOS levels. All logic inputs are static protected MOS
gates with typical input currents of less than 1 nA. Internal
input protection is achieved by on-chip distributed diodes.


유사한 부품 번호 - AD7228KR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results

유사한 설명 - AD7228KR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com