전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13055D 데이터시트(PDF) 4 Page - LANSDALE Semiconductor Inc.

부품명 MC13055D
상세설명  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13055D 데이터시트(HTML) 4 Page - LANSDALE Semiconductor Inc.

  MC13055D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13055D Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ML13055
LANSDALE Semiconductor, Inc.
8
20k
9
7
5
0.1
51
0.1
Input
ML13055
10
-100
-90
-80
-70
-50
-60
-40
-30
-20
-10
100
90
80
70
60
50
40
30
20
0
0
f, INPUT FREQUENCY (MHz)
Figure 3. Overall Gain, Noise, AM Rejection
Figure 4. Meter Current versus Signal
Figure 5. Untuned Input: Limiting Sensitivity
versus Frequency
Figure 6. Untuned Input: Meter Current
versus Frequency
Figure 7. Limiting Sensitivity and Detuning
versus Supply Voltage
Figure 8. Detector Current and Power Supply
Current versus Supply Voltage
800
0
100
3.0 V
Input
-10
0
-20
-60
-40
-80
-60
-50
-40
-30
-20
-100
0
Output fmod = 1.0 MHz
∆f = 1.0 MHz
SIGNAL INPUT (dBm)
AMR 1.0 kHz
30%
Noise
500
0
-20
-40
-60
-80
0
100
200
300
400
12 V
-100
600
INPUT SIGNAL (dBm)
600
700
500
400
300
200
100
90
80
70
60
50
40
30
20
10
0
0.1
51
0.1
20k
5
7
9
8
ML13055
1000
50
40
30
20
10
0
1.0
60
13
15
11
9.0
VCC, SUPPLY VOLTAGE (Vdc)
7.0
5.0
3.0
0
0
200
400
600
800
f, INPUT FREQUENCY (MHz)
1200
I2 + I4
I10 + I11
-50
15
40 3
40.2
40.1
40.0
39.9
39.8
39.7
39.6
39.5
39.4
39.3
13
1.0
39.2
11
9.0
5.0
7.0
3.0
0
-90
-80
-70
-60
-40
40 MHz
VCC, SUPPLY VOLTAGE (Vdc)
Limiting
Sensitivity
VCC = 5.0 V, 7.0 V
Quadrature
Coil Tuning
-80
-70
-60
-50
-40
-30
-20
-10
Input 0 dBm
www.lansdale.com
Page 4 of 9
Issue B


유사한 부품 번호 - MC13055D

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC13055D LANSDALE-MC13055D Datasheet
313Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055D MOTOROLA-MC13055D Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
More results

유사한 설명 - MC13055D

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com