전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12040P 데이터시트(PDF) 1 Page - LANSDALE Semiconductor Inc.

부품명 MC12040P
상세설명  Phase?밊requency Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12040P 데이터시트(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC12040P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12040P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12040P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12040P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12040P Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.lansdale.com
Page 1 of 5
Issue 0
ML12040
Phase–Frequency
Detector
Legacy Device: Motorola MC12040
The ML12040 is a phase–frequency detector intended for
use in systems requiring zero phase and frequency difference
at lock. In combination with a voltage controlled oscillator
(such as the ML12149), it is useful in a broad range of
phase–locked loop applications.
• Operating Frequency = 80 MHz Typical
• Operating Temperature Range TA = 0° to 75°C
PIN CONNECTIONS
VCC2
N.C.
VCC1
(Top View)
N.C.
U
U
N.C.
R
VEE
D
D
N.C.
V
N.C.
1
2
3
4
14
13
12
11
5
6
7
10
9
8
Pin Conversion Table
14 Pin DIP
1 2 3 4 5 6
7
8
9
10 11 12 13 14
20 Pin PLCC
2 3 4 6 8 9 10 12 13 14 16 18 19 20
0
0
1
0
R
1
0
1
1
1
1
1
1
1
0
1
0
1
1
1
V
1
1
1
0
1
0
1
0
1
1
1
X
X
X
X
U
1
1
1
1
0
0
0
0
0
0
0
X
X
X
X
D
0
0
0
0
0
0
1
1
1
1
0
X
X
X
X
U
0
0
0
0
1
1
1
1
1
1
1
X
X
X
X
D
1
1
1
1
1
1
0
0
0
0
1
Inputs
Outputs
LOGIC DIAGRAM
R
S
Q
S
RQ
R 6
V 9
4 U (fR>fV)
3 U (fR>fV)
12 D (fV>fR)
11 D (fV>fR)
VCC1 = Pin 1
VCC2 = Pin 14
VEE = Pin 7
TRUTH TABLE
This is not strictly a functional truth table; i.e., it does not cover all possible
modes of operation. However, it gives a sufficient number of tests to
ensure that the device will function properly in all modes of operation.
PLCC 20 = -4P
PLASTIC PACKAGE
CASE 775
3
19
4
8
14
1
P DIP 14 = CP
PLASTIC PACKAGE
CASE 646
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 14
MC12040P
ML12040CP
PLCC 20
MC12040FN
ML12040-4P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.


유사한 부품 번호 - MC12040P

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC12040P MOTOROLA-MC12040P Datasheet
68Kb / 5P
   Phase-Frequency Detector
logo
LANSDALE Semiconductor ...
MC12040P LANSDALE-MC12040P Datasheet
2Mb / 5P
   Phase-Frequency Detector
More results

유사한 설명 - MC12040P

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SYPD-52W MINI-SYPD-52W Datasheet
156Kb / 1P
   Phase Detector
SYPD-52 MINI-SYPD-52 Datasheet
140Kb / 1P
   Phase Detector
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
   Phase-Frequency Detector
logo
FOTEK CONTROLS CO., LTD...
PR-K1 FOTEK-PR-K1 Datasheet
544Kb / 2P
   Three Phase Detector
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
   Phase Frequency Detector
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com