전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML12009 데이터시트(PDF) 7 Page - LANSDALE Semiconductor Inc.

부품명 ML12009
상세설명  MECL PLL Components Dual Modulus Prescaler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12009 데이터시트(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML12009_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12009_08 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.lansdale.com
Page 7 of 14
Issue A
LANSDALE Semiconductor, Inc.
ML12009, ML12011
ELECTRICAL CHARACTERISTICS (Supply Voltage = 5.0 V, unless otherwise noted.)
Test Limits
Pin
Under
–30°C
25°C
85°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Max
Min
Max
Unit
Power Supply Drain Current
ICC1
8
–88
–80
–80
mAdc
ICC2
6
5.2
5.2
5.2
mAdc
Input Current
IinH1
15
11
12
13
375
375
375
375
250
250
250
250
250
250
250
250
µAdc
IinH2
4
5
1.7
1.7
6.0
6.0
2.0
2.0
6.0
6.0
2.0
2.0
6.4
6.4
mAdc
IinH3
5
0.7
3.0
1.0
3.0
1.0
3.6
IinH4
9
10
100
100
100
100
100
100
µAdc
Leakage Current
IinL1
15
11
12
13
–10
–10
–10
–10
–10
–10
–10
–10
–10
–10
–10
–10
µAdc
IinL2
9
10
–1.6
–1.6
–1.6
–1.6
–1.6
–1.6
mAdc
Reference Voltage
VBB
14
3.67
3.87
Vdc
Logic ‘1’ Output Voltage
VOH1
(Note 1)
2
3
3.900
3.900
4.110
4.110
4.000
4.000
4.190
4.190
4.070
4.070
4.300
4.300
Vdc
VOH2
7
2.4
2.6
2.8
Logic ‘0’ Output Voltage
VOL1
(Note 1)
2
3
3.070
3.070
3.385
3.385
3.110
3.110
3.410
3.410
3.135
3.135
3.445
3.445
Vdc
VOL2
7
0.94
0.80
0.72
Logic ‘1’ Threshold Voltage
VOHA
(Note 2)
2
3
3.880
3.880
3.980
3.980
4.050
4.050
Vdc
Logic ‘0’ Threshold Voltage
VOLA
(Note 3)
2
3
3.405
3.405
3.430
3.430
3.465
3.465
Vdc
Short Circuit Current
IOS
7
–65
–20
–65
–20
–65
–20
mAdc
NOTES: 1. Test outputs of the device must be tested by sequencing through the truth table. All input, power supply and
ground voltages must be maintained between tests. The clock input is the waveform shown.
2. In addition to meeting the output levels specified, the device must divide by 5 or 8 during this test. The clock
input is the waveform shown.
3. In addition to meeting the output levels specified, the device must divide by 6 or 9 during this test. The clock
input is the waveform shown.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50 Ω resistor to –2.0 V. Test procedures are shown for only one gate. The other gates are tested in the same
manner.
VIHmax
VILmin
Clock Input


유사한 부품 번호 - ML12009_08

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML12009-5P LANSDALE-ML12009-5P Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12009EP LANSDALE-ML12009EP Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
More results

유사한 설명 - ML12009_08

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com