전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ML12002-5P 데이터시트(HTML) 6 Page - LANSDALE Semiconductor Inc.

부품명 ML12002-5P
상세내용  Analog Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo 

ML12002-5P 데이터시트(HTML) 6 Page - LANSDALE Semiconductor Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 6 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML12002
www.lansdale.com
Page 6 of 9
Issue A
Notes:
Test 1 – Pins 5 and 6 left open
Test 2 – Pins 5 and 6 are tied to –5.0 volts
TA, AMBIENT TEMPERATURE (°C)
+125
+100
+75
+50
+25
0
–25
–55
–60
–50
–40
–30
–20
–10
fc = 10 MHz @ 30 mvrms
fs = 10 KHz @ 150 mvrms
Local Oscillator
Inputs
3
2
1.0
µf
1.0
µf
1.0
µf
Mixer
Inputs
Reg.
Bypass
1.0
µf
8
9
0.1
µf
10
1
VEE
0.1
µf
–5.0 V
0.1
µf
7
IOO = I11 – I12
14
VCC
56
Outputs
12
I12
µA
I11
11
µA
Null
Adjust
I
I
TEST 1
TA, AMBIENT TEMPERATURE (°C)
+125
+100
+75
+50
+25
0
–25
–55
–100
–50
0.0
+50
+100
TEST 2
1
6
21
26
16
31
1000
800
600
f, FREQUENCY (MHZ)
400
200
50
100
150
200
250
300
350
400
11
C
R
Zin
R(OHMS)
TYPICAL INPUT IMPEDANCE
vs
FREQUENCY
R
– LOCAL OSCILLATOR –
AND SIGNAL INPUTS
C
Figure 10. Carrier Suppression versus Temperature
Figure 11a. Output Offset Current (I00) versus Temperature
Figure 12. Output Offset Current versus Temperature
Figure 13. Typical Input Impedance versus Frequency
(No Circuit)


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn