์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ML12002-5P ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - LANSDALE Semiconductor Inc.

๋ถ€ํ’ˆ๋ช… ML12002-5P
์ƒ์„ธ๋‚ด์šฉ  Analog Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  LANSDALE [LANSDALE Semiconductor Inc.]
ํ™ˆํŽ˜์ด์ง€  http://www.lansdale.com
Logo 

ML12002-5P ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - LANSDALE Semiconductor Inc.

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 1 / 9 page
background image
www.lansdale.com
Page 1 of 9
Issue A
ML12002
Analog Mixer
Legacy Device: Motorola MC12002
The ML12002 is a double balanced analog mixer, includ-
ing an input amplifier feeding the mixer carrier port and a
temperature compensated bias regulator. The input circuits
for both the amplifier and mixer are differential amplifier
circuits. The on-chip regulator provides all of the required
biasing.
This circuit is designed for use as a balanced mixer in
high-frequency wide-band circuits. Other typical applica-
tions include suppressed carrier and amplitude modulation,
synchronous AM detection, FM detection, phase detection,
and frequency doubling, at frequencies up to UHF.
There are two package offerings:
โ€ข Plastic Dual Inline 14 Lead, P Dip.
โ€ข Plastic Surface Mount 14 Lead SOIC.
โ€ข Operating Temperature Range: TA = โ€“30ยฐ to +85ยฐC
P DIP 14 = CP
PLASTIC PACKAGE
CASE 646
14
1
SOG 14 = -5P
SOG
CASE 751A
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 14
MC12002P
ML12002CP
SOG 14
MC12002D
ML12002-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
(Top View)
PIN CONNECTIONS
1
2
3
4
5
6
78
9
10
11
12
13
14
VCC
Resistor Load
Data Output
Data Output
Regulator
Bypass
Mixer Signal
Input
Mixer Signal
Input
Regulator
Bypass
Local Oscillator
Input
Local Oscillator
Input
Alternate Signal
Input
Null Adjust
Null Adjust
VEE
Figure 1. Logic Diagram
2
3
8
9
Local
Oscillator
Inputs
Signal
Inputs
Amplifier
VB
VR
Bias
Regulator
Carrier
Port
Mixer
Signal
Port
VR VB
12
11
Output


Html Pages

1  2  3  4  5  6  7  8  9 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn