전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RN4908 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 RN4908
부품 상세설명  Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4908 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  RN4908 Datasheet HTML 1Page - Toshiba Semiconductor RN4908 Datasheet HTML 2Page - Toshiba Semiconductor RN4908 Datasheet HTML 3Page - Toshiba Semiconductor RN4908 Datasheet HTML 4Page - Toshiba Semiconductor RN4908 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RN4908
2001-06-07
1
TOSHIBA Transistor
Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l Includeing two devices in US6 (ultra super mini type with 6 leads)
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
Equivalent Circuit and Bias Resister Values
R1: 22kΩ
R2: 47kΩ
(Q1, Q2 Common)
Q1 Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−7
V
Collector current
IC
−100
mA
Q2 Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
100
mA
JEDEC
EIAJ
TOSHIBA
2-2J1A
Weight: 6.8mg
Unit: mm


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn