전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RN4908 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 RN4908
부품 상세설명  Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4908 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  RN4908 Datasheet HTML 1Page - Toshiba Semiconductor RN4908 Datasheet HTML 2Page - Toshiba Semiconductor RN4908 Datasheet HTML 3Page - Toshiba Semiconductor RN4908 Datasheet HTML 4Page - Toshiba Semiconductor RN4908 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RN4908
2001-06-07
3
Q1 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50V, IE = 0
−100
Collector cut-off current
ICEO
VCE = −50V, IB = 0
−500
nA
Emitter cut-off current
IEBO
VEB = −7V, IC = 0
−0.078
−0.145
mA
DC current gain
hFE
VCE = −5V, IC = −10mA
80
Collector-emitter saturation voltage
VCE (sat)
IC = −5mA, IB = −0.25mA
−0.1
−0.3
V
Input voltage (ON)
VI (ON)
VCE = −0.2V, IC = −5mA
−1.0
−2.6
V
Input voltage (OFF)
VI (OFF)
VCE = −5V, IC = −0.1mA
−0.6
−1.16
V
Transition frequency
fT
VCE = −10V, IC = −5mA
200
MHz
Collector output capacitance
Cob
VCB = −10V, IE = 0
3
6
pF
Q2 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
Collector cut-off current
ICEO
VCE = 50V, IB = 0
500
nA
Emitter cut-off current
IEBO
VEB = 7V, IC = 0
0.078
0.145
mA
DC current gain
hFE
VCE = 5V, IC = 10mA
80
Collector-emitter saturation voltage
VCE (sat)
IC = 5mA, IB = 0.25mA
0.1
0.3
V
Input voltage (ON)
VI (ON)
VCE = 0.2V, IC = 5mA
1.0
2.6
V
Input voltage (OFF)
VI (OFF)
VCE = 5V, IC = 0.1mA
0.6
11.6
V
Transition frequency
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output capacitance
Cob
VCB = 10V, IE = 0, f = 1 MHz
3
6
pF
Q1, Q2 Common Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input resistor
R1
15.4
22
28.6
kΩ
Resistor ratio
R1/R2
0.421
0.468
0.515


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn