전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4750DY 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI4750DY
상세설명  Smart Power High-Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4750DY 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI4750DY Datasheet HTML 1Page - Vishay Siliconix SI4750DY Datasheet HTML 2Page - Vishay Siliconix SI4750DY Datasheet HTML 3Page - Vishay Siliconix SI4750DY Datasheet HTML 4Page - Vishay Siliconix SI4750DY Datasheet HTML 5Page - Vishay Siliconix SI4750DY Datasheet HTML 6Page - Vishay Siliconix SI4750DY Datasheet HTML 7Page - Vishay Siliconix SI4750DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si4750DY
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72219
S-32411—Rev. B, 24-Nov-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
50
100
150
200
250
300
350
0
123
4567
8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
Normalized rDS(on) vs. Temperature
30
34
38
42
46
50
4.5
5.5
6.5
7.5
8.5
9.5
10.5
rDS(on) vs. VGS @ 25_C
VGS (V)
Typical Input Current
VD − Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
−50
−25
0
25
50
75
100
Typical Input Threshold Voltage
TA (_C)
Vbb = 14.5 V
IL = 2 A
CL = 10 mF
On
Off
0
5
10
15
20
25
−50
−25
0
25
50
75
100
Initial Peak Current Limit
Under A 2-A Lamp Load
0
20
40
60
80
100
120
−50
−25
0
25
50
75
100
Typical Standby Current
14.5 V
Temperature (_C)
Vbb = 14.5 V
IL = 2 A
CL = 10 mF
Vbb = 14.5 V
VIN = Low
IL = 2 A
CL = 10 mF
TA (_C)
TA (_C)
Vbb = 14.5 V


유사한 부품 번호 - SI4750DY

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI4750-A10-AM SILABS-SI4750-A10-AM Datasheet
51Kb / 2P
   High Performance Automotive AM/FM Radio Receiver
More results

유사한 설명 - SI4750DY

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com