전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML145146-6P 데이터시트(PDF) 11 Page - LANSDALE Semiconductor Inc.

부품명 ML145146-6P
상세설명  4?밄it Data Bus Input PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145146-6P 데이터시트(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML145146-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145146-6P Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LANSDALE Semiconductor, Inc.
ML145146
www.lansdale.com
Page 11 of 12
Issue 0
CHOICE OF
REF. OSC.
FREQUENCY
(ON–CHIP OSC.
OPTIONAL)
CHOICE OF
REF. OSC.
FREQUENCY
(ON–CHIP OSC.
OPTIONAL)
}
}
}
}
FOR USE WITH EXTERNAL
PHASE DETECTOR (OPTIONAL)
FOR USE WITH EXTERNAL
PHASE DETECTOR (OPTIONAL)
LOCK DETECT
SIGNAL
LOCK DETECT
SIGNAL
RECEIVER LO.
443.325
443.950 MHz
(25 kHz STEPS)
8
OSCout
MOD
CONTROL
PDout
fR
fin
D3 D2 D1 D0 A2 A1 A0
ST
φR
φV
fV
LD
OSCin
VDD
VSS
7
5
3
17
16
14
6
4
7
8
6
4
19
20
1
2
11
10
9
12
18
15
13
ML145146
MOD
CONTROL
PDout
fR
fin
D3 D2 D1 D0 A2 A1 A0
ST
φR
φV
fV
LD
OSCin
VDD
VSS
ML145146
LOOP
FILTER
VCO
TRANSMITTER
MODULATION
AND 15.7 MHz
OFFSET
CHOICE OF DETECTOR
ERROR SIGNALS
ML12034 PRESCALER
TRANSMITTER SIGNAL
459.025 – 459.650 MHz
(25 kHz STEPS)
CHIP
SELECT TO
CONTROLLER
TO SHARED CONTROLLER BUS
19
20
1
2
11
10
9
12
3
14
16
17
5
CHIP
SELECT TO
CONTROLLER
TO SHARED CONTROLLER BUS
NOTES:
1. Reciever I.F = 10.7 MHz, low side injection.
2. Duplex operation with 5 MHz receive/transmit separation.
3. fR = 25 kHz, + R chosen to correspond with desired reference oscillator frequency.
4. Ntotal = 17,733 to 17,758 = N • P + A; N = 227, A = 5 to 30 for P = 64.
Figure 13. Synthesizer for UHF Mobil Radio Telephone Channels Demonstrates Use of the ML145146 in
Microprocessor/Microcomputer Controlled Systems Operating to Several Hundred MHz
NOTES:
1. Receiver 1st I.F. = 45 MHz, low side injection; Receiver 2nd I.F. = 11.7 MHz, low side injection.
2. Duplex operation with 45 MHz receive/transmit separation.
5. Only one implementation is shown. Various other configurations and dual–modulus prescaling values to ÷128/÷129 are possible.
3. fR = 7.5 kHz, + R = 1480.
4. Ntotal = N • 32 + A = 27,501 to 28,166: N = 859 to 880; A = 0 to 31.
Figure 14. 666 Channel, Computer Controlled, Mobile Radio Telephone Synthesizer for
800 MHz Cellular Radio Systems
OSCout
X3
RECEIVER
2ND, L.O.
33,300 MHZ
RECEIVER FIRST L.O.
825.030 844.980 MHZ
(30 KHz STEPS)
LOOP
FILTER
VCO
X4
X4
TRANSMITTER
MODULATION
TRANSMITTER SIGNAL
825.030 844.880 MHz
(30 kHz STEPS)
CHOICE OF DETECTOR
ERROR SIGNALS
MC10131
DUAL F/F
ML12011
÷8/÷9 PRESCALER
+32/+32 DUAL MODULUS PRESCALER


유사한 부품 번호 - ML145146-6P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145146-6P LANSDALE-ML145146-6P Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
More results

유사한 설명 - ML145146-6P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145_08 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145146P-2 MOTOROLA-MC145146P-2 Datasheet
55Kb / 2P
   4 BIT DATA BUS INPUT BUS INPUT PLL FREQUENCY SYNTHESIZER
MC145146-2 MOTOROLA-MC145146-2 Datasheet
59Kb / 2P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
ML145146 LANSDALE-ML145146 Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com