전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML3356RP 데이터시트(PDF) 2 Page - LANSDALE Semiconductor Inc.

부품명 ML3356RP
상세설명  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3356RP 데이터시트(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML3356RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.lansdale.com
Page 2 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML3356
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
15
Vdc
Operating Power Supply Voltage Range (Pins 6, 10)
VCC
3.0 to 9.0
Vdc
Operating RF Supply Voltage Range (Pin 4)
RF VCC
3.0 to 12.0
Vdc
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
Power Dissipation, Package Rating
PD
1.25
W
ELECTRICAL CHARACTERISTICS (VCC = 5.0 Vdc, fo = 100 MHz, fosc = 110.7 MHz, ∆f = ±75 kHz, fmod = 1.0 kHz, 50 Ω source,
TA = 25°C, test circuit of Figure 2, unless otherwise noted.)
Characteristics
Min
Typ
Max
Unit
Drain Current Total, RF VCC and VCC
20
25
mAdc
Input for – 3 dB limiting
30
µVrms
Input for 50 dB quieting
S + N
N
()
60
µVrms
Mixer Voltage Gain, Pin 20 to Pin 5
2.5
v/v
Mixer Input Resistance, 100 MHz
260
Mixer Input Capacitance, 100 MHz
5.0
pF
Mixer/Oscillator Frequency Range (Note 1)
0.2 to 150
MHz
IF/Quadrature Detector Frequency Range (Note 1)
0.2 to 50
MHz
AM Rejection (30% AM, RF Vin = 1.0 mVrms)
50
dB
Demodulator Output, Pin 13
0.5
Vrms
Meter Drive
7.0
µA/dB
Squelch Threshold
0.8
Vdc
NOTE: 1. Not taken in Test Circuit of Figure 2; new component values required.
Figure 2. Test Circuit
L1 – 110.7 MHz, 0.4 µH
L1 – 7T #22, 3/16 Form
L1 – w/slug & can
L2 – 10.7 MHz, 1.5 µH
L2 – 20T #30, 3/16 Form
L2 – w/slug & can
T1 – muRata
T1 – SFE10.7 MA5–Z
or
KYOCERA
T1 – KBF10.7MN–MA
100 MHz
RF Input
0.01
51
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Data Output
10 k
47 k
0.01
390 k
47 k
130 k
3.3 k
3.0 k
3.3 k
0.1
470
pF
18 k
18 k
150 pF
L2
0.01
330
0.01
T1
VCC
5 Vdc
330
0.01
L1
5.6 pF
15 pF
RF Input
Ground
Data
Output
Comp(+) Comp(–) Squelch
Status
Squelch
Control
Demod
Out
Demod
Filter
Quad
Input
RF
Gnd
OSC
EM.
OSC
COL.
RF
VCC
Mixer
Out
VCC
Limiter
Input
Limiter
Bias
Limiter
Bias
Quad
Bias
Squelch
Status
Demod
Out


유사한 부품 번호 - ML3356RP

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML3356RP LANSDALE-ML3356RP Datasheet
973Kb / 9P
   Wideband FSK Receiver
More results

유사한 설명 - ML3356RP

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9