전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145405P 데이터시트(PDF) 2 Page - LANSDALE Semiconductor Inc.

부품명 MC145405P
상세설명  Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145405P 데이터시트(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC145405P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145405P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145405P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145405P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145405P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145405P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145405P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145405P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.lansdale.com
Page 2 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
ML145403
3 DRIVERS/5 RECEIVERS
R
R
D
D
R
D
VDD
Rx1
Tx1
Rx2
Rx3
Tx2
Rx4
Rx5
Tx3
VSS
VCC
DO1
DI1
DO2
DO3
DI2
DO4
DO5
DI3
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PIN ASSIGNMENTS
(DIP AND SOG)
ML145404
4 DRIVERS/4 RECEIVERS
R
R
R
D
D
R
D
D
VDD
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
Rx4
Tx4
VSS
VCC
DO1
DI1
DO2
DI3
DO3
DI3
DO4
DI4
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ML145405
5 DRIVERS/3 RECEIVERS
R
D
D
R
D
D
VDD
Rx1
Tx1
Tx2
Rx2
Tx3
Tx4
Rx3
Tx5
VSS
VCC
DO1
DI1
DI2
DO2
DI3
DI4
DO3
DI5
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R
D
R
D
R
D
R
D
R
D
VDD
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
Rx4
Tx4
Rx5
1
2
3
4
5
6
7
8
9
10
DI1
DO2
DI2
DO3
DI3
DO4
DI4
DO5
DI5
GND
22
21
20
19
18
17
16
15
14
13
24
23
11
12
VCC
DO1
VSS
Tx5
ML145408
5 DRIVERS/5 RECEIVERS
R
R
R
D
FUNCTIONAL DIAGRAM
ESD
PROTECTION
+
DO
Rx
5.4 kΩ
15 kΩ
VDD
VSS
VCC
Tx
300 Ω
+
LEVEL
SHIFT
1.0 V
1.8 V
VCC
DI
1.4 V
VCC
VSS
RECEIVER
DRIVER
VDD
+


유사한 부품 번호 - MC145405P

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145405P MOTOROLA-MC145405P Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

유사한 설명 - MC145405P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Texas Instruments
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com